Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 28 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 28 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 24Page - Intel Corporation LXT6155LE Datasheet HTML 25Page - Intel Corporation LXT6155LE Datasheet HTML 26Page - Intel Corporation LXT6155LE Datasheet HTML 27Page - Intel Corporation LXT6155LE Datasheet HTML 28Page - Intel Corporation LXT6155LE Datasheet HTML 29Page - Intel Corporation LXT6155LE Datasheet HTML 30Page - Intel Corporation LXT6155LE Datasheet HTML 31Page - Intel Corporation LXT6155LE Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
LXT6155 — 155 Mbps SDH/SONET/ATM Transceiver
28
Datasheet
.
.
Table 10. Transmit PLL1, Register #2 (Address A<3:0>=0010)
Bit
Default
Mnemonic
Description
7:5
0.1.1
Not for customer use
4:3
0.0
Not for customer use
2:1
1.0
Not for customer use
0
1
Not for customer use
Table 11. Transmit PLL2, Register #3 (Address A<3:0>=0011)
Bit
Default
Mnemonic
Description
7
1
Not for customer use
6
1
Not for customer use
5
1
Not for customer use
4
0
Not for customer use
3
0
Not for customer use
2
0
Not for customer use
1:0
1.0
Not for customer use
Table 12. Equalizer Load, Register #4 (Address A<3:0>=0100)
Bit
Default
Mnemonic
Description
7
0
Not for customer use
6:2
0.0.0.0.0
Not for customer use
1
0
Not for customer use
0
1
Not for customer use
Table 13. Equalizer & AGC, Register #5 (Address A<3:0>=0101)
Bit
Default
Mnemonic
Description
7
1
eq_adapt_enab
Equalizer adaption enable:
0 = freeze adaption
1 = activate adaption
6:5
0.0
eq_adapt_gain
Equalizer adaption step size:
00 = 1
01 = 2
10 = 4
11 = 8
4
1
agc_adapt_ena
AGC adaption enable:
0 = freeze adaption
1 = activate adaption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com