Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 26 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 26 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 22Page - Intel Corporation LXT6155LE Datasheet HTML 23Page - Intel Corporation LXT6155LE Datasheet HTML 24Page - Intel Corporation LXT6155LE Datasheet HTML 25Page - Intel Corporation LXT6155LE Datasheet HTML 26Page - Intel Corporation LXT6155LE Datasheet HTML 27Page - Intel Corporation LXT6155LE Datasheet HTML 28Page - Intel Corporation LXT6155LE Datasheet HTML 29Page - Intel Corporation LXT6155LE Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
LXT6155 — 155 Mbps SDH/SONET/ATM Transceiver
26
Datasheet
3.0
Register Definitions
There are a total of sixteen (16) control registers in the LXT6155 addressed by the lowest four
address bits, A<3:0>. See Tables 8 through 22 for details .
Table 6.
Device Address/Control Byte
A<6:0>
Description
A<6:5>
LXT6155 Device Select. By using pins ADDR1 and ADDR0, up to four LXT6155 devices can be addressed. For a
successful data transaction to occur, A6 and A5 must match the polarity settings on ADDR1 and ADDR0,
respectively. Using these controls, up to four LXT6155 devices can be independently controlled.
A4
Not Used. Set to 0 during transactions.
A<3:0>
LXT6155 Register Map (see Table 7).
Table 7.
LXT6155 Register Map (A<3:0>)
Register #
A<3:0>
Register Name
Type
0
0000
Primary Control
R/W
1
0001
Transmit Control
R/W
2
0010
Transmit PLL1
R/W
3
0011
Transmit PLL2
R/W
4
0100
Equalizer load
R/W
5
0101
Equalizer/AGC
R/W
6
0110
Matching filter2
R/W
7
0111
Slicer
R/W
8
1000
Receive PLL 1
R/W
9
1001
Receive PLL 2
R/W
10
1010
Test
R/W
11
1011
Reset and Bias
R/W
12
1100
Receive Digital 1
R/W
13
1101
Receive Digital 2
R/W
14
1110
Status/Interrupt Control
R/W
15
1111
Status/Interrupt Output
Read-only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com