Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 48 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 48 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 42Page - Intel Corporation LXT6155LE Datasheet HTML 43Page - Intel Corporation LXT6155LE Datasheet HTML 44Page - Intel Corporation LXT6155LE Datasheet HTML 45Page - Intel Corporation LXT6155LE Datasheet HTML 46Page - Intel Corporation LXT6155LE Datasheet HTML 47Page - Intel Corporation LXT6155LE Datasheet HTML 48Page - Intel Corporation LXT6155LE Datasheet HTML 49Page - Intel Corporation LXT6155LE Datasheet HTML 50Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
LXT6155 — 155 Mbps SDH/SONET/ATM Transceiver
48
Datasheet
6.0
Mechanical Specifications
Figure 30. LXT6155LE Package Specification
D
D
1
E
E
1
for sides with even
number of pins
e/
2
for sides with odd
number of pins
e
A
1
A
2
L
A
B
L
1
θ
3
θ
3
θ
64-pin Low-profile Quad Flat Pack
— Part Number LXT6155LE
— Extended Temperature Range: -40° to 85 °C
Dim
Inches
Millimeters
Min
Max
Min
Max
A.063
1.60
A1
.002
.006
0.05
0.15
A2
.053
.057
1.35
1.45
B
.007
.011
0.17
0.27
D0.472 BSC1
12.00 BSC1
D1
0.394 BSC
1
10.00 BSC
1
E0.472 BSC1
12.00 BSC1
E1
0.394 BSC
1
10.00 BSC
1
e0.020 BSC1
0.50 BSC1
L
0.018
0.030
0.45
0.75
L1
0.039 REF
1.00 REF
θ311°
13°
11°
13°
q0°
7°
0°
7°
1. BSC—Basic Spacing between Centers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com