Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 33 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 33 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 29Page - Intel Corporation LXT6155LE Datasheet HTML 30Page - Intel Corporation LXT6155LE Datasheet HTML 31Page - Intel Corporation LXT6155LE Datasheet HTML 32Page - Intel Corporation LXT6155LE Datasheet HTML 33Page - Intel Corporation LXT6155LE Datasheet HTML 34Page - Intel Corporation LXT6155LE Datasheet HTML 35Page - Intel Corporation LXT6155LE Datasheet HTML 36Page - Intel Corporation LXT6155LE Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
Datasheet
33
155 Mbps SDH/SONET/ATM Transceiver — LXT6155
4.0
Application Information
The following provides application examples of interfacing the LXT6155 to the line side and the
overhead terminator side. Line side encoding schemes can be one of two types: LVPECL NRZ
encoded for a fiber optic module, or CMI encoded for a 75
Ω coax cable. On the systems side, serial
differential or parallel eight-bit modes can be used. All signals are TTL level compatible, except
serial interface signals (TPOS, TNEG, TSICLKP, TSICLKN, RSOCLKP, RSOCLKN, RPOS, and
RNEG) which are 3.3V LVPECL compatible.
4.1
Fiber Optic Module Interface
The LXT6155 is designed to directly drive a 3.3V LVPECL fiber optic transceiver. The LVPECL
drivers require the proper transmission line impedance to correctly drive the fiber module. Signal
traces should be 50
Ω controlled impedance lines and should be biased to the appropriate level.
Please refer to Figure 16 for the proper interface.
To interface the LXT6155 LVPECL signals to a 5V PECL fiber optic module, please refer to the
LXT6155 application note AN141.
4.2
Coax Interface
As shown in 17 on page 35, the LXT6155 directly drives a transformer connected to a 75
Ω coaxial
cable, up to12.7dB cable loss at 78MHz. This is approximately 110m of RG59U. Please refer to
manufacturers specifications for maximum cable lengths. Output CMI waveform conform to the
ITU G.703 specifications. Rise and fall times are less than 2.0 ns.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com