Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 25 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 25 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 21Page - Intel Corporation LXT6155LE Datasheet HTML 22Page - Intel Corporation LXT6155LE Datasheet HTML 23Page - Intel Corporation LXT6155LE Datasheet HTML 24Page - Intel Corporation LXT6155LE Datasheet HTML 25Page - Intel Corporation LXT6155LE Datasheet HTML 26Page - Intel Corporation LXT6155LE Datasheet HTML 27Page - Intel Corporation LXT6155LE Datasheet HTML 28Page - Intel Corporation LXT6155LE Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
Datasheet
25
155 Mbps SDH/SONET/ATM Transceiver — LXT6155
2.8.2
Remote Loopback
Remote loopback routes the receive system output signals, both data and clock, to the transmit
system input (see Figure 14). In this mode, system outputs (RPOD<7:0> or RPOS/RNEG) are still
active.
Figure 13. Local Loopback
Figure 14. Remote Loopback
Line
Buffer
Equalizer
P/S
PLL
S/P
TTIP0, TRING0,
TTIP1, TTIP1
RTIP, RRING
TPID <7:0>, TPICLK,
TPOS/TNEG, TSICLKP/N
RPOD <7:0>, RPOCLK,
RPOS/RNEG, RSOCLKP/N
Line
Buffer
Equalizer
P/S
S/P
PLL
TPID <7:0>, TPICLK,
TPOS/TNEG, TSICLKP/N
RPOD <7:0>, RPOCLK,
RPOS/RNEG, RSOCLKP/N
TTIP0, TRING0,
TTIP1, TTIP1
RTIP, RRING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com