Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 10 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 10 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 6Page - Intel Corporation LXT6155LE Datasheet HTML 7Page - Intel Corporation LXT6155LE Datasheet HTML 8Page - Intel Corporation LXT6155LE Datasheet HTML 9Page - Intel Corporation LXT6155LE Datasheet HTML 10Page - Intel Corporation LXT6155LE Datasheet HTML 11Page - Intel Corporation LXT6155LE Datasheet HTML 12Page - Intel Corporation LXT6155LE Datasheet HTML 13Page - Intel Corporation LXT6155LE Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
LXT6155 — 155 Mbps SDH/SONET/ATM Transceiver
10
Datasheet
16
17
18
19
TPID7/TXTRIM3
TPID6/TXTRIM2
TPID5/TXTRIM1
TPID4/TXTRIM0
DI
TTL
Transmit Parallel Input Data. Transmit data from an Overhead
Terminator at parallel speed 19.44 MHz, clocked in by TPICLK. TPID7 is
the most significant bit, and is the first bit to be sent. These pins should
be grounded or not connected when the LXT6155 is used in serial mode.
Transmit Trim Controls, in serial, hardware, coax mode only. These
pins trim the amplitude of the line driver output from (nom -21%) to (nom
+24%) in 3% steps. This feature is only enabled when pin #20
(TXTRIMENA) is High.
20
TPID3/TXTRIMENA
DI
TTL
Transmit Parallel Input Data. Transmit data from an Overhead
Terminator at parallel speed 19.44 MHz, clocked in by TPICLK. TPID7 is
the most significant bit, and is the first bit to be sent. These pins should
be grounded or not connected when the LXT6155 is used in serial mode.
Transmit Trim Enable, in serial, hardware, coax mode only. This pin
enables the trimming of the line driver output by pins 16-19 when high.
21
22
23
TPID2
TPID1
TPID0
DI
TTL
Transmit Parallel Input Data. Transmit data from an Overhead
Terminator at parallel speed 19.44 MHz, clocked in by TPICLK. TPID7 is
the most significant bit, and is the first bit to be sent. These pins should
be grounded or not connected when the LXT6155 is used in serial mode.
24
TPICLK
DI
TTL
Transmit Parallel Input Clock. Parallel transmit clock at 19.44 MHz.
This pin is disabled when serial mode is selected and should be
grounded or not connected.
25
VCC
S
Power Supply.
26
RPOCLK
DO
TTL
Receive Parallel Output Clock. Parallel receive clock as recovered
from received data. The clock is nominally 19.44 MHz, synchronized with
RPOD<7:0>.
27
28
29
30
31
32
33
34
RPOD7
RPOD6
RPOD5
RPOD4
RPOD3
RPOD2
RPOD1
RPOD0
DO
TTL
Receive Parallel Output Data. RPOD<7:0> output aligned 8-bit bytes at
RPOCLK clock rate. These pins are to be left open when serial mode is
selected. RPOD7 is the most significant bit, and is the first to arrive.
35
GND
S
Ground.
36
RSOCLKP
DO
LVPECL
Receive Serial Output Clock. Serial receive clock as recovered from
received data. The clock is nominally 155.52 MHz, synchronized with
output serial data RPOS and RNEG.
37
RSOCLKN
38
PVCC
S
PECL Buffers Power Supply.
39
RNEG
DO
LVPECL
Receive Serial Output Data, positive and negative.These two pins
provide recovered data synchronized to receive serial output clocks
RSOCLKP and RSOCLKN. These pins are tristated and should be left
open when parallel mode is selected.
40
RPOS
41
RDVCC
S
Receive Digital Power Supply.
42
RDGND
S
Receive Digital Ground.
Table 1.
LXT6155 Pin Descriptions (Continued)
Pin #
Symbol
I/O1
Type2
Description
1. DI = Digital Input; DO = Digital Output; DI/O = Digital Input/Output; AI = Analog Input; AO = Analog Output; AI/O = Analog Input/Output; S=Supply.
2. TTL = Transistor-to-Transistor Logic (5V tolerant); LVPECL = Low-Voltage positive ECL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com