Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 31 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 31 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 27Page - Intel Corporation LXT6155LE Datasheet HTML 28Page - Intel Corporation LXT6155LE Datasheet HTML 29Page - Intel Corporation LXT6155LE Datasheet HTML 30Page - Intel Corporation LXT6155LE Datasheet HTML 31Page - Intel Corporation LXT6155LE Datasheet HTML 32Page - Intel Corporation LXT6155LE Datasheet HTML 33Page - Intel Corporation LXT6155LE Datasheet HTML 34Page - Intel Corporation LXT6155LE Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
Datasheet
31
155 Mbps SDH/SONET/ATM Transceiver — LXT6155
.
.
5:4
1.1
los_ena
LOS disable controls (amplitude LOS & digital LOS):
0= disable
1 = enable
3
0
frame_ena
Byte align enable: If used, this feature must be enabled during system
configuration prior to applying data to the receiver. If this is not possible see
application note AN141 for further details.
0 = byte align disabled
1 = byte align enabled
2
0
Not for customer use
1
0
Not for customer use
0
1
Not for customer use
Table 20. Rx Digital 1, Register #12 (Address A<3:0>=1100) (Continued)
Bit
Default
Mnemonic
Description
Figure 15. Rx Digital 2, Register #13 (Address A<3:0>=11001)
Bit
Default
Mnemonic
Description
7
1
rx_dig_reset
Rx digital circuitry reset. This can be used to minimize power comsumption when
the device is disabled but not powered down. It must be enabled when the device
is active
0= reset
1 = normal operation
6:3
0.0.0.0
cnffp
Frame pulse position. Refer to figure 5 for usage.
2:1
1.0
los_tran_assert
D-LOS transition density count for assertion:
00 = 128
01 = 512
10 = 3112
11 = 4096
A-LOS assertion integration period:
00 = 2048 bits
01 = 512 bits
10 = 128 bits
11 = 32 bits
0
1
los_tran_deassert
D-LOS transition density count for de-assertion:
0 = 4/32
1 = SONET compliant1
A-LOS de-assertion integration period:
0= 0bits
1= 128bits
1. SONET compliant LOS de-assertion refers to Bellcore GR-253, pages 6-16 (section 6.2.1.1.1), recommendation R6-54, LOS alarm is de-asserted
(cleared) when two valid frame headers have been received with no LOS events in the interval.
Table 21. Status Control, Register #14 (Address A<3:0>=1110)
Bit
Default
Mnemonic
Description
7:4
0.0.0.0
-
Unused
3:0
0.0.0.0
stat_cont
Status register (register #15) mux control (indirect addressing to increase read
space)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com