Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 11 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 11 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 7Page - Intel Corporation LXT6155LE Datasheet HTML 8Page - Intel Corporation LXT6155LE Datasheet HTML 9Page - Intel Corporation LXT6155LE Datasheet HTML 10Page - Intel Corporation LXT6155LE Datasheet HTML 11Page - Intel Corporation LXT6155LE Datasheet HTML 12Page - Intel Corporation LXT6155LE Datasheet HTML 13Page - Intel Corporation LXT6155LE Datasheet HTML 14Page - Intel Corporation LXT6155LE Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Datasheet
11
155 Mbps SDH/SONET/ATM Transceiver — LXT6155
43
ROFP/
CMIERR
DO
TTL
Receive Output Frame Pulse. In hardware mode (HWSEL =Low), this
pin is asserted (High) on the last A2 byte in the (A1.....A1, A2.....A2)
sequence in the RPOD<7:0> traffic. A1=1111,0110 and A2=0010,1000 in
binary. In software mode (HWSEL = High), this position is
programmable. During coax operation, when frame detection is disabled
(RIFE = 0 in HW/Reg #12, bit3 = 0), or in serial mode, this pin indicates
CMI line code errors. These pulses are 50 ns wide (active high). One or
more errors in 16 consecutive bits will causes a single pulse.
44
LOCK
DO
TTL
Receive Output PLL Lock. A High indicates receive PLL has locked to
incoming data. A Low indicates receive PLL is not locked.
45
LOS
DO
TTL
Loss of Signal. An alarm output signal (high) indicating incoming signal
voltage is weak or incoming data does not contain enough transitions. In
software mode (HWSEL = 1) this pin can be configured to combine LOS
and LOCK alarms.
46
RAVCC
S
Receive Analog Power Supply.
47
ATST
-
Analog Test. For factory test purposes only; do not connect.
48
VBIAS
AI
Analog
Bias Input Voltage. This pin requires a 15K (1%) pull-down resistor to
RAGND.
49
RXISH
A0
Analog
Rx PLL External Cap. Connecting a capacitor to RAGND from this pin
controls the Rx PLL transfer function. This pin requires a 330nF cap to
RAGND.
50
RAGND
S
Receive Analog Ground.
51
RRING
AI
Analog
Receive Input Data, positive (RTIP) and negative (RRING).Accepts
incoming signals (LVPECL or CMI) from the line interface.
52
RTIP
53
RAGND
S
Receive Analog Ground.
54
ADDR0/RLIS
DI
TTL
Address 0, software mode (HWSEL = High). This pin together with
ADDR1 sets the chip select address. Up to 4 LXT6155 chips can be
addressed by the
µP interface.
Remote Loopback Input Select, hardware mode (HWSEL =Low).
Together with LLIS sets LXT6155 in a loopback test mode. See Table 4
55
ADDR1/LLIS
DI
TTL
Address 1, software mode (HWSEL = High). This pin together with
ADDR0 sets the chip select address. Up to 4 LXT6155 chips can be
addressed by the
µP interface.
Local Loopback Input Select, hardware mode (HWSEL =Low).
Together with RLIS sets the LXT6155 in remote loopback mode. See
Table 4
56
HWSEL
DI
TTL
Hardware/Software Mode Select.When HWSEL = High, LXT6155
enters software (host) mode, and is ready to communicate with a serial
microprocessor. When HWSEL = Low, LXT6155 operates in hardware
standalone mode (without a serial
µP).
57
SUB
S
Reserved. Must be connected to GND.
58
WELL
S
Reserved. Must be connected to VCC.
59
TGND
S
Transmit Analog Ground.
60
TRING0
AO
Transmit Output Data, positive (TTIP0) and negative (TRING0).
Differential CMI driver outputs for coax interface.
61
TTIP0
Table 1.
LXT6155 Pin Descriptions (Continued)
Pin #
Symbol
I/O1
Type2
Description
1. DI = Digital Input; DO = Digital Output; DI/O = Digital Input/Output; AI = Analog Input; AO = Analog Output; AI/O = Analog Input/Output; S=Supply.
2. TTL = Transistor-to-Transistor Logic (5V tolerant); LVPECL = Low-Voltage positive ECL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com