Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 40 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 40 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 36Page - Intel Corporation LXT6155LE Datasheet HTML 37Page - Intel Corporation LXT6155LE Datasheet HTML 38Page - Intel Corporation LXT6155LE Datasheet HTML 39Page - Intel Corporation LXT6155LE Datasheet HTML 40Page - Intel Corporation LXT6155LE Datasheet HTML 41Page - Intel Corporation LXT6155LE Datasheet HTML 42Page - Intel Corporation LXT6155LE Datasheet HTML 43Page - Intel Corporation LXT6155LE Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
LXT6155 — 155 Mbps SDH/SONET/ATM Transceiver
40
Datasheet
Figure 20. Receive Serial Output Data Timing (See Table 30)
Figure 21. Receive Parallel Output Data Timing (See Table 30)
Reference Clock Offset from
Nominal
-100
100
ppm
Table 30. Receive Timing Characteristics (See Figures 20 and 21) (Continued)
Parameter
Sym
Min
Typ1
Max
Unit
Test Conditions
1. Typical values are at 25C and 3.3V. They are for design aid only; not guaranteed and not subject to production testing.
2. Not production tested, guaranteed by design and other correlation factors.
RSOCLKN
RSOCLKP
RPOS
RNEG
RSOCLKPD
RPOCLK*
RPOD<0:7>
ROFP
RPOCLKPD
ROFPPD
*This shows timing in HW mode. In SW mode (HWSEL=1) this clock polarity can be inverted. See Table 8 for details.
Table 31. Receive Analog Characteristics
Parameter
Note
Min
Typ1
Max
Unit
Test Conditions
End to end loss budget (coax)1
-
15
dB
BER=1E-12. PRBS (23) data.
CMI encoded. Input white noise
=5mV RMS max.
LOS - fiber
Assert
20
µsec
Nodatatransition. Default LOS
setting.
De-assert
187.5
µsec
No LOS events. Default LOS
settings.
1. Typical values are at 25C and 3.3V. They are for design aid only; not guaranteed and not subject to production testing.
2. Not production tested, guaranteed by design and other correlation factors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com