| Electronic Components Datasheet Search |
|
CC1010-RTR1 Datasheet(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1010-RTR1 Datasheet(HTML) 31 Page - Texas Instruments |
|
31 / 152 page ![]() CC1010 SWRS047 Page 31 of 152 15.6.3 Interrupt Priority Interrupts are prioritised in two stages: Interrupt level and natural priority. The interrupt level (low, high or highest) takes precedence over the natural priority. The Flash / Debug Interrupt, if enabled, always has the highest priority and is the only interrupt that can have the highest priority. All other interrupts can be assigned either low or high priority, set by the registers IP and EIP listed below. Two interrupts with the same interrupt priority that occur simultaneously are resolved through their natural priority. The natural priority is shown in Table 13. The interrupt having the lowest natural priority will be serviced first. Once an interrupt is being serviced, only an interrupt of higher priority level can interrupt the service routine of the interrupt currently being serviced. IP (0xB8) - Interrupt Priority Register Bit Name R/W Reset value Description 7 - R1 1 Reserved, read as 1 6 PS1 R/W 0 Serial Port 1 interrupt priority control 0 : Interrupt has low priority 1 : Interrupt has high priority 5 - R/W 0 Reserved for future use 4 PS0 R/W 0 Serial Port 0 interrupt priority control 0 : Interrupt has low priority 1 : Interrupt has high priority 3 PT1 R/W 0 Timer 1 interrupt priority control 0 : Interrupt has low priority 1 : Interrupt has high priority 2 PX1 R/W 0 External Interrupt 1 (from P3.3) interrupt priority control 0 : Interrupt has low priority 1 : Interrupt has high priority 1 PT0 R/W 0 Timer 0 interrupt priority control 0 : Interrupt has low priority 1 : Interrupt has high priority 0 PX0 R/W 0 External Interrupt 0 (from P3.2) interrupt priority control 0 : Interrupt has low priority 1 : Interrupt has high priority EIP (0xF8) - Extended Interrupt Priority Register Bit Name R/W Reset value Description 7 - R1 1 Reserved, read as 1 6 - R1 1 Reserved, read as 1 5 - R1 1 Reserved, read as 1 4 PRTC R/W 0 Realtime Clock interrupt priority control 0 : Interrupt has low priority 1 : Interrupt has high priority 3 PT3 R/W 0 Timer 3 interrupt priority control 0 : Interrupt has low priority 1 : Interrupt has high priority 2 PAD R/W 0 ADC / DES interrupt priority control 0 : Interrupt has low priority 1 : Interrupt has high priority 1 PT2 R/W 0 Timer 2 interrupt priority control 0 : Interrupt has low priority 1 : Interrupt has high priority 0 PRF R/W 0 0 : Interrupt has low priority 1 : Interrupt has high priority |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |