Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 28 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 24Page - Texas Instruments CC1010-RTR1 Datasheet HTML 25Page - Texas Instruments CC1010-RTR1 Datasheet HTML 26Page - Texas Instruments CC1010-RTR1 Datasheet HTML 27Page - Texas Instruments CC1010-RTR1 Datasheet HTML 28Page - Texas Instruments CC1010-RTR1 Datasheet HTML 29Page - Texas Instruments CC1010-RTR1 Datasheet HTML 30Page - Texas Instruments CC1010-RTR1 Datasheet HTML 31Page - Texas Instruments CC1010-RTR1 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 152 page
background image
CC1010
SWRS047
Page 28 of 152
15.6 Interrupts
In
CC1010 there are a total of 15 interrupt
sources, which share 12 interrupt lines.
These are all shown in Table 13. Each
interrupt’s natural priority, interrupt vector,
interrupt enable and interrupt flag, is also
shown in the table, and will be described
below.
Interrupt
Natural
Priority
Priority
Control
Interrupt
Vector
Interrupt
Enable
Interrupt Flag
Flash / Debug interrupt
0
-
0x33
EICON.
FDIE
EICON.
FDIF
External Interrupt 0
1
IP.PX0
0x03
IE.EX0
TCON.IE0 (*)
Timer 0 Interrupt
2
IP.PT0
0x0B
IE.ET0
TCON.TF0 (*)
External Interrupt 1
3
IP.PX1
0x13
IE.EX1
TCON.IE1 (*)
Timer 1 Interrupt
4
IP.PT1
0x1B
IE.ET1
TCON.TF1 (*)
Serial Port 0 Transmit Interrupt
SCON0.TI_0
Serial Port 0 Receive Interrupt
5
IP.PS0
0x23
IE.ES0
SCON0.RI_0
Serial Port 1 Transmit Interrupt
SCON1.TI_1
Serial Port 1 Receive Interrupt
6
IP.PS1
0x3B
IE.ES1
SCON1.TI_1
RF Transmit / Receive Interrupt
7
EIP.PRF
0x43
EIE.RFIE
EXIF.RFIF
Timer 2 Interrupt
8
EIP.PT2
0x4B
EIE.ET2
EXIF.TF2
ADC Interrupt
EIE.ADIE
and
ADCON2.
ADCIE
EXIF.ADIF
and
ADCON2.
ADCIF
DES Encryption / Decryption
Interrupt
9
EIP.PAD
0x53
EIE.ADIE
and
CRPCON.
CRPIE
EXIF.ADIF
and
CRPCON.
CRPIF
Timer 3 Interrupt
10
EIP.PT3
0x5B
EIE.ET3
EXIF.TF3
Realtime Clock Interrupt
11
EIP.PRTC
0x63
EIE.RTCIE
EICON.RTCIF
(*) - Interrupt flag is cleared by hardware.
Table 13.
CC1010 Interrupt overview
15.6.1
Interrupt Masking
IE.EA is the global interrupt enable for all
interrupts, except the Flash / Debug
interrupt. When IE.EA is set, each
interrupt is masked by the interrupt enable
bits listed in Table 13. When IE.EA is
cleared, all interrupts are masked, except
the Flash / Debug interrupt, which has its
own interrupt mask bit, EICON.FDIE.
15.6.2
Interrupt Processing
When an enabled interrupt occurs, the
CPU jumps to the address of the interrupt
service routine (ISR) associated with that
interrupt, as shown in Table 13. Most
interrupts can also be initiated by setting
the associated interrupt flag from software.
CC1010 executes the ISR to completion
unless another interrupt set at a higher
interrupt level occurs. Each ISR ends with
a RETI (return from interrupt) instruction.
After executing the RETI, CC1010 returns
to the next instruction that would have
been executed if the interrupt had not
occurred.
CC1010 always completes the instruction in
progress before servicing an interrupt. If
the instruction in progress is RETI, or a
write access to any of the IP, IE, EIP, or
EIE
SFRs,
CC1010
completes
one
additional instruction before servicing the
interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com