Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 64 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 64 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 60Page - Texas Instruments CC1010-RTR1 Datasheet HTML 61Page - Texas Instruments CC1010-RTR1 Datasheet HTML 62Page - Texas Instruments CC1010-RTR1 Datasheet HTML 63Page - Texas Instruments CC1010-RTR1 Datasheet HTML 64Page - Texas Instruments CC1010-RTR1 Datasheet HTML 65Page - Texas Instruments CC1010-RTR1 Datasheet HTML 66Page - Texas Instruments CC1010-RTR1 Datasheet HTML 67Page - Texas Instruments CC1010-RTR1 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 152 page
background image
CC1010
SWRS047
Page 64 of 152
System clock
Watchdog Prescaler
WDTPRE(1:0)
8 Bit Watchdog Counter
WDTEN
System
Reset
Clear
Clear
Enable
Enable
WDTCLR
Figure 14. Watchdog Timer
Setting
different
prescaler
settings,
combined with different Main Crystal
Oscillator frequencies, generates reset at
an interval of:
system
WDTPRE
f
)
11
(
2
256
+
⋅
The intervals for the maximum and
minimum clock frequencies are shown in
Table 21 below.
WDTPRE.1
WDTPRE.0
Division Rate
Reset timing, given
fXOSC = 3MHz
Reset timing, given
fXOSC = 24MHz
0
0
2048
175 ms
21.8 ms
0
1
4096
350 ms
43.7 ms
1
0
8192
699 ms
87.4 ms
1
1
16384
1400 ms
175 ms
Table 21. Watchdog Timer timing
16.5.1
Disabling the Watchdog Timer
The Watchdog Timer is enabled after
system reset, through the Watchdog Timer
enable flag WDT.WDTEN. To disable the
Watchdog Timer, this flag must be
cleared.
However,
clearing
this
flag
requires the user to first set the flag
WDT.WDTSE,
and
then
clearing
WDT.WDTEN within 16 system clock
periods (preferably in the next instruction).
If interrupts are enabled while disabling
the Watchdog Timer, the user must make
sure that WDT.WDTEN is actually cleared.
This could for instance be done as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com