Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 57 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 57 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 53Page - Texas Instruments CC1010-RTR1 Datasheet HTML 54Page - Texas Instruments CC1010-RTR1 Datasheet HTML 55Page - Texas Instruments CC1010-RTR1 Datasheet HTML 56Page - Texas Instruments CC1010-RTR1 Datasheet HTML 57Page - Texas Instruments CC1010-RTR1 Datasheet HTML 58Page - Texas Instruments CC1010-RTR1 Datasheet HTML 59Page - Texas Instruments CC1010-RTR1 Datasheet HTML 60Page - Texas Instruments CC1010-RTR1 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 152 page
background image
CC1010
SWRS047
Page 57 of 152
System Clk
Divide by 12
Divide by 4
0
1
T0 / T1
T0M / T1M
0
1
C/T0 / C/T1
TR0 / TR1
GATE0 / GATE1
INT0 / INT1
TL0 / TL1
TH0 / TH1
TF0 / TF1
Timer 0 / Timer 1
interrupt request
Clock
Mux
Reload
Figure 9. Mode 2 operation for Timer / Counter 0 or 1
16.2.5
Mode 3
In Mode 3, which is illustrated in Figure 10,
Timer 0 is operated as two separate 8-bit
counters and Timer 1 stops counting and
holds its value.
TL0 is configured as an 8-bit counter
controlled by the normal Timer 0 control
bits. It counts either clock cycles divided
by 4 or by 12 (as given by CKCON.T0M), or
high to low transitions on T0 (as given by
TMOD.C/ T 0). It is also possible to use
the GATE function for TL0 to set INT0 as
count enable.
TH0 is locked into a timer function, and
takes over the use of TR1 and TF1 from
Timer 1. It counts clock cycles divided by 4
or 12 (as given by CKCON.T1M). TH0 may
then generate Timer 1 interrupts.
Timer 1 has limited usage when Timer 0 is
in mode 3. This is because Timer 0 uses
the Timer 1 control bit TR1 and the
interrupt flag TF1. However, Timer 1 can
still be used for baud rate generation and
the Timer 1 count values are still available
in the TL1 and TH1 registers.
Control of Timer 1 when Timer 0 is in
mode 3 is done through the Timer 1 mode
bits. To turn Timer 1 on, set Timer 1 to
mode 0, 1 or 2. To turn Timer 1 off, set it
to mode 3. Timer 1 can count clock cycles
divided by 4 or 12 or high to low transitions
on the T1 pin. The GATE function is also
available.
In Mode 3, the timer timeout periods are
determined by:
(
)(
)
xosc
f
TYx
TxM
CKCON
T
−
⋅
−
=
256
.
8
12
where TYx is the contents of the THx or
TLx register if this is reloaded in the
interrupt handler, or 0 if no reload is done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com