Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 18 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 14Page - Texas Instruments CC1010-RTR1 Datasheet HTML 15Page - Texas Instruments CC1010-RTR1 Datasheet HTML 16Page - Texas Instruments CC1010-RTR1 Datasheet HTML 17Page - Texas Instruments CC1010-RTR1 Datasheet HTML 18Page - Texas Instruments CC1010-RTR1 Datasheet HTML 19Page - Texas Instruments CC1010-RTR1 Datasheet HTML 20Page - Texas Instruments CC1010-RTR1 Datasheet HTML 21Page - Texas Instruments CC1010-RTR1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 152 page
background image
CC1010
SWRS047
Page 18 of 152
14. Block Diagram
The
CC1010 Block Diagram is shown in Figure 2 below.
Figure 2. CC1010 Block Diagram
32 kB
FLASH
128 byte
SRAM
Special Function
Registers
(SFRs)
Realtime
Clock
Watchdog
Timer
SPI
Timers/
Counters
Timers/
PWMs
UARTs
UARTs
General
purpose I/O
CODEC, Bit synchronizer,
Serializer/Deserializer
IF stage
MODEM
RF Transceiver
8051 core
FLASH
Programming DMA
DES Module
2048 byte
SRAM
Reset
Generation
3-24 MHz crystal
32 kHz crystal
Clock
Multiplexer
System
clock
Port 0
Port 1
Port 2
Port 3
RESET
PROG
RF_IN
ADC
Programmable I/O (General purpose or alternate function)
Power-on
reset
POR_E
Main Crystal
Oscillator
:R
:N.n
RF_OUT
LPF
CHP
PD
MUX
RSSI
IF
Bias
Bias resistor
VCO inductor
VCO
CHP_OUT
AD2
(RSSI/IF)
AD0
AD1
PA
LNA
MIXER
L1
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com