Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 8Page - Texas Instruments CC1010-RTR1 Datasheet HTML 9Page - Texas Instruments CC1010-RTR1 Datasheet HTML 10Page - Texas Instruments CC1010-RTR1 Datasheet HTML 11Page - Texas Instruments CC1010-RTR1 Datasheet HTML 12Page - Texas Instruments CC1010-RTR1 Datasheet HTML 13Page - Texas Instruments CC1010-RTR1 Datasheet HTML 14Page - Texas Instruments CC1010-RTR1 Datasheet HTML 15Page - Texas Instruments CC1010-RTR1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 152 page
background image
CC1010
SWRS047
Page 12 of 152
11. Frequency synthesizer section
Parameter
Min.
Typ.
Max.
Unit
Condition
Crystal Oscillator Frequency
3
24
MHz
Crystal frequency can be 3-4,
6-8 or 9-24 MHz.
Recommended frequencies
are 3.6864, 7.3728, 11.0592,
14.7456, 18.4320 and
22.1184 MHz. See page 32
for details
Crystal frequency accuracy
requirement
± 50
± 25
ppm
433 MHz
868 MHz
The crystal frequency
accuracy and drift (ageing
and temperature
dependency) will determine
the frequency accuracy of the
transmitted signal.
Crystal operation
Parallel
C171 and C181 are loading
capacitors
Crystal load capacitance
12
12
12
12
20
16
16
12
30
30
16
16
pF
pF
pF
pF
3-4 MHz, 20 pF recommended
6-8 MHz, 16 pF recommended
9-16 MHz, 16 pF recommended
16-24 MHz, 12 pF recommended
Crystal oscillator start-up time
5
1.5
2
ms
ms
ms
3.6864 MHz, 16 pF load
7.3728 MHz, 16 pF load
16 MHz, 16 pF load
Output signal phase noise
-85
dBc/Hz
At 100 kHz offset from carrier
PLL lock time (RX / TX turn
time)
200
µs
PLL turn-on time
250
µs
Table 10. Frequency synthesizer characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com