Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 98 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 98 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 94Page - Texas Instruments CC1010-RTR1 Datasheet HTML 95Page - Texas Instruments CC1010-RTR1 Datasheet HTML 96Page - Texas Instruments CC1010-RTR1 Datasheet HTML 97Page - Texas Instruments CC1010-RTR1 Datasheet HTML 98Page - Texas Instruments CC1010-RTR1 Datasheet HTML 99Page - Texas Instruments CC1010-RTR1 Datasheet HTML 100Page - Texas Instruments CC1010-RTR1 Datasheet HTML 101Page - Texas Instruments CC1010-RTR1 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 152 page
background image
CC1010
SWRS047
Page 98 of 152
where
1
_
.
0
+
=
FREQ
XOSC
MODEM
f
f
XOSC
s
accuracy
XTAL
f
kHz
IF
RF
low
_
2
150
⋅
⋅
−
=
and
∆f is the deviation. SmartRF® Studio
may be used to configure this correctly.
It is important that the peak detector is
programmed with a correct value; an error
may result in incorrect data reception.
Sampler
Average
filter
Data
filter
Decimator
Frequency
detector
Data slicer
comparator
Figure 25. Demodulator block diagram
Preamble
NRZ data
Data package to be received
RX
Noise
RX
PD
Averaging filter
free-running / not used
Automatically locked after a short period depending on “SETTLING”
Noise
Averaging filter locked
Preamble
NRZ data
Data package to be received
RX
Noise
RX
PD
Averaging filter
free-running / not used
Automatically locked after a short period depending on “SETTLING”
Noise
Averaging filter locked
Figure 26. Automatic locking of the averaging filter
Preamble
NRZ data
Data package to be received
RX
Noise
PD
Averaging filter free-running
Manually locked after preamble is detected
Noise
Averaging filter locked
Preamble
NRZ data
Data package to be received
RX
Noise
PD
Averaging filter free-running
Manually locked after preamble is detected
Noise
Averaging filter locked
Figure 27. Manual locking of the averaging filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com