Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 11 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 7Page - Texas Instruments CC1010-RTR1 Datasheet HTML 8Page - Texas Instruments CC1010-RTR1 Datasheet HTML 9Page - Texas Instruments CC1010-RTR1 Datasheet HTML 10Page - Texas Instruments CC1010-RTR1 Datasheet HTML 11Page - Texas Instruments CC1010-RTR1 Datasheet HTML 12Page - Texas Instruments CC1010-RTR1 Datasheet HTML 13Page - Texas Instruments CC1010-RTR1 Datasheet HTML 14Page - Texas Instruments CC1010-RTR1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 152 page
background image
CC1010
SWRS047
Page 11 of 152
10. IF section
Parameter
Min.
Typ.
Max.
Unit
Condition
Intermediate frequency (IF)
433/868 MHz
150/
130
10.7
kHz
MHz
Internal IF filter
External IF filter
IF bandwidth (noise bandwidth)
175
kHz
RSSI dynamic range
-105
-60
dBm
RSSI 3-dB bandwidth
260
kHz
868 MHz CW, -70 dBm
RSSI accuracy
± 6
dB
See p. 126 for details
RSSI linearity
± 2
dB
Table 9 IF characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com