Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 71 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 71 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 67Page - Texas Instruments CC1010-RTR1 Datasheet HTML 68Page - Texas Instruments CC1010-RTR1 Datasheet HTML 69Page - Texas Instruments CC1010-RTR1 Datasheet HTML 70Page - Texas Instruments CC1010-RTR1 Datasheet HTML 71Page - Texas Instruments CC1010-RTR1 Datasheet HTML 72Page - Texas Instruments CC1010-RTR1 Datasheet HTML 73Page - Texas Instruments CC1010-RTR1 Datasheet HTML 74Page - Texas Instruments CC1010-RTR1 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 152 page
background image
CC1010
SWRS047
Page 71 of 152
16.8 SPI Master
The SPI master interface allows
CC1010 to
communicate with peripheral devices such
as an external serial EEPROM interface. It
has a programmable data rate up to 3
MHz, depending on the frequency of the
main crystal.
The SPI master interface is controlled
using the SPCR register shown below.
Setting
SPCR.SPE enables the SPI
interface. Pins P0.0, P0.1 and P0.2 are
then reconfigured as the serial clock
output SCK, the serial data output pin MO
and the serial data input pin MI. The
direction bits set in P0DIR(0) and
P0DIR(2) are then ignored, setting SCK
as an output and MI as an input. The
direction bit P0DIR(1) still determines the
direction of the master data output pin MO.
This
allows
the
SPI
master
to
communicate with a bi-directional data
line. P0DIR(1) should then be cleared
when transmitting and set when receiving
data, with MO and MI connected together
externally.
For
normal
full-duplex
operation of the SPI master, P0DIR(1)
must be cleared to set MO as an output.
Any other general purpose I/O-pin may be
used for slave select signals to the
peripheral modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com