Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 73 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 73 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 69Page - Texas Instruments CC1010-RTR1 Datasheet HTML 70Page - Texas Instruments CC1010-RTR1 Datasheet HTML 71Page - Texas Instruments CC1010-RTR1 Datasheet HTML 72Page - Texas Instruments CC1010-RTR1 Datasheet HTML 73Page - Texas Instruments CC1010-RTR1 Datasheet HTML 74Page - Texas Instruments CC1010-RTR1 Datasheet HTML 75Page - Texas Instruments CC1010-RTR1 Datasheet HTML 76Page - Texas Instruments CC1010-RTR1 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 152 page
background image
CC1010
SWRS047
Page 73 of 152
rate as set by SPCR.DORD, SPCR.CPOL,
SPCR.CPHA and SPCR.SPR.
Reading data from SPDR will read the
input buffer, which is only updated after
each complete transmission. This means
that a new byte can be written to SPDR
before reading the newly received byte in
order to maximise the data rate.
If data is written to SPDR while a
transmission is in progress, this is
regarded as a collision. After each new
byte written to SPDR, the write collision flag
SPSR.WCOL is updated. If a collision
occurs, the data written to SPDR is ignored
and the data must be written to SPDR
again for it to be sent.
It is also possible to check the SPI status
bit, SPSR.SPA, before writing to SPDR to
avoid collisions. This bit is set only when
data is being transmitted.
SPI timing, data order, clock polarity and
clock phase are shown in Figure 18.
It is also possible to use the master SPI
interface to interface with a two-pin serial
interface that uses a bi-directional data
line (such as the interface used by the
Chipcon CC1000 RF transceiver). In this
case, you would connect the MO and MI
pins together on your PCB, as shown in
Figure 17. In the software, the P0DIR.1 bit
must be set correctly according to whether
data is being written or read.
CC1010
Two-wire
peripheral
MO
MI
SCK
DIO
DCLK
Figure 17. Two-wire serial interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com