Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 76 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 76 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 72Page - Texas Instruments CC1010-RTR1 Datasheet HTML 73Page - Texas Instruments CC1010-RTR1 Datasheet HTML 74Page - Texas Instruments CC1010-RTR1 Datasheet HTML 75Page - Texas Instruments CC1010-RTR1 Datasheet HTML 76Page - Texas Instruments CC1010-RTR1 Datasheet HTML 77Page - Texas Instruments CC1010-RTR1 Datasheet HTML 78Page - Texas Instruments CC1010-RTR1 Datasheet HTML 79Page - Texas Instruments CC1010-RTR1 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 152 page
background image
CC1010
SWRS047
Page 76 of 152
and DES interrupt enable. When the
encryption
has
been
completed,
CRPCON.CRPEN goes low and the DES
interrupt flag is set. The external RAM will
now contain the encrypted data bit stream
in the same location as the input data
bytes were originally put. To perform the
reverse operation, write CRPCON again
with the CRPCON.ENCDEC bit set.
Key
First RAM Location
Last RAM Location
K1
8
⋅ CRPKEY
8
⋅ CRPKEY+6
Table 24. DES key location in RAM
Encryption / decryption is done in-place,
i.e. each byte of data read from external
RAM for encryption / decryption will be
written back to the same location after
encryption / decryption as described
above. The input and output blocks must
start on an address which is a multiple of
eight. CRPDAT then gives the 8 most
significant address bits to the first data
byte.
The encryption / decryption initialization
vector should be written to registers
CRPINI0 to CRPINI7. These registers
must be written prior to encrypting /
decrypting a new block of data, as they
are modified by hardware. They should be
left
unchanged
between
multiple
encryption / decryption operations for DES
blocks larger than 256 bytes. A zero value
initialisation vector can be used, or
additional security can be effected by
using the initialisation vector as an
additional key.
Encryption / decryption is started when
CRPCON.CRPEN
is
set.
When
the
encryption / decryption is completed,
CRPCON.CRPEN is cleared by hardware
and the interrupt flag CRPCON.CRPIF is
set. If CRPCON.CRPIE is set, the interrupt
flag EXIF.ADIF is also set, which will
generate an interrupt if EIE.ADIE is set.
(See the Interrupts section on page 28 for
details on interrupts.)
The duration of a DES encryption /
decryption operation is shown in Table 25.
Accessing external RAM from the 8051
while encrypting / decrypting may delay
the operation slightly since the access is
multiplexed.
DES keys stored in Flash memory will be
protected by the Flash memory read
protection. For the security of the Flash
protection, please refer to the disclaimer at
the end of this document.
Mode
Duration (clock cycles)
Single DES
2+25
⋅#Data Bytes +21⋅LOADKEYS
Table 25. DES Encryption / Decryption duration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com