Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 26 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 26 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 22Page - Texas Instruments CC1010-RTR1 Datasheet HTML 23Page - Texas Instruments CC1010-RTR1 Datasheet HTML 24Page - Texas Instruments CC1010-RTR1 Datasheet HTML 25Page - Texas Instruments CC1010-RTR1 Datasheet HTML 26Page - Texas Instruments CC1010-RTR1 Datasheet HTML 27Page - Texas Instruments CC1010-RTR1 Datasheet HTML 28Page - Texas Instruments CC1010-RTR1 Datasheet HTML 29Page - Texas Instruments CC1010-RTR1 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 152 page
background image
CC1010
SWRS047
Page 26 of 152
Mnemonic
Description
MOV A, @Ri
Move data memory to A
1
1
E6-
E7
x
MOV A, #data
Move immediate to A
2
2
74
x
MOV Rn, A
Move A to register
1
1
F8-FF
MOV Rn, direct
Move direct byte to register
2
2
A8-
AF
MOV Rn, #data
Move immediate to register
2
2
78-7F
MOV direct, A
Move A to direct byte
2
2
F5
MOV direct, Rn
Move register to direct byte
2
2
88-8F
MOV direct,
direct
Move direct byte to direct byte
3
3
85
MOV direct, @Ri
Move data memory to direct byte
2
2
86-87
MOV direct, #data
Move immediate to direct byte
3
3
75
MOV @Ri, A
MOV A to data memory
1
1
F6-F7
MOV @Ri, direct
Move direct byte to data memory
2
2
A6-
A7
MOV @Ri, #data
Move immediate to data memory
2
2
76-77
MOV DPTR, #data
Move immediate to data pointer
3
3
90
MOVC A, @A+DPTR
Move code byte relative DPTR to
A
1
3
93
x
MOVC A, @A+PC
Move code byte relative PC to A
1
3
83
x
MOVX A, @Ri
Move external data (A8) to A
1
2-9
E2-
E3
x
MOVX A, @DPTR
Move external data (A16) to A
1
2-9
E0
x
MOVX @Ri, A
Move A to external data (A8)
1
2-9
F2-F3
MOVX @DPTR, A
Move A to external data (A16)
1
2-9
F0
PUSH direct
Push direct byte onto stack
2
2
C0
POP direct
Pop direct byte from stack
2
2
D0
XCH A, Rn
Exchange A and register
1
1
C8-
CF
x
XCH A, direct
Exchange A and direct byte
2
2
C5
x
XCH A, @Ri
Exchange A and data memory
1
1
C6-
C7
x
XCHD A, @Ri
Exchange A and data memory
nibble
1
1
D6-
D7
x
Boolean
CLR C
Clear carry
1
1
C3
x
CLR bit
Clear direct bit
2
2
C2
SETB C
Set carry
1
1
D3
x
SETB bit
Set direct bit
2
2
D2
CPL C
Complement carry
1
1
B3
x
CPL bit
Complement direct bit
2
2
B2
ANL C, bit
AND direct bit to carry
2
2
82
x
ANL C, /bit
AND direct bit inverse to carry
2
2
B0
x
ORL C, bit
OR direct bit to carry
2
2
72
x
ORL C, /bit
OR direct bit inverse to carry
2
2
A0
x
MOV C, bit
Move direct bit to carry
2
2
A2
x
MOV bit, C
Move carry to direct bit
2
2
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com