Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 15 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 11Page - Texas Instruments CC1010-RTR1 Datasheet HTML 12Page - Texas Instruments CC1010-RTR1 Datasheet HTML 13Page - Texas Instruments CC1010-RTR1 Datasheet HTML 14Page - Texas Instruments CC1010-RTR1 Datasheet HTML 15Page - Texas Instruments CC1010-RTR1 Datasheet HTML 16Page - Texas Instruments CC1010-RTR1 Datasheet HTML 17Page - Texas Instruments CC1010-RTR1 Datasheet HTML 18Page - Texas Instruments CC1010-RTR1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 152 page
background image
CC1010
SWRS047
Page 15 of 152
Pin
#
Pin name
Alternate
function
Pin type
Description
51
P0.2
MI (I)
SO (O)
Digital high-Z I/O
8051 port 0, bit 2 or SPI interface master
input or Flash programming SPI slave serial
data output
52
P0.3
-
Digital high-Z I/O
8051 port 0, bit 3
53
P1.5
-
Digital high-Z I/O
8051 port 1, bit 5
54
P1.6
-
Digital high-Z I/O
8051 port 1, bit 6
55
P1.7
-
Digital high-Z I/O
8051 port 1, bit 7
56
P2.6
-
Digital high-Z I/O
8051 port 2, bit 6
57
P2.7
-
Digital high-Z I/O
8051 port 2, bit 7
58
PROG
-
Digital input
Flash program enable pad, active low
59
RESET
-
Digital input (pull-up) System reset pin, active low
60
DVDD
-
Power (D)
Digital power supply
61
AD0
-
Analog input
ADC input channel 0
62
AD1
-
Analog input
ADC input channel 1
63
AD2
RSSI (O),
IF (O)
Analog input/output
ADC input channel 2, RSSI (Receiver signal
strength indicator) output, or IF output when
using external demodulator
64
AGND
-
Power (A)
Analog ground connection ADC
A = Analog, D = Digital, I = input, O= Output
13. Pin description
AVDD, DVDD
Supply voltages for analog and digital
modules respectively. All supply pins
should be decoupled by capacitors. In
particular, the digital and analog supply
domains should be properly decoupled
from each other (a ferrite bead can be
used to prevent high-frequency noise from
coupling from one supply domain to
another). The placement and size of
decoupling capacitors and supply filtering
are critical with respect to LO leakage and
sensitivity. Chipcon’s reference layout
designs should be used (available from
Chipcon’s website). See also page 133 for
layout recommendations.
AGND, DGND
Ground for analog and digital modules
respectively.
Normally
one
common
ground plane is recommended. If two
separate analog and digital grounds are
used they should be interconnected in one
place, and one place only.
RFIN
This is the RF input, internally connected
to the low noise amplifier (LNA). The
signal
source
(antenna)
should
be
matched to the input impedance. A DC
ground is needed for LNA biasing.
RFOUT
This is the RF output, internally connected
to the power amplifier (PA). The external
load (antenna) should be matched to the
output
impedance
(optimum
load
impedance). This pin must be DC coupled
to AVDD for PA biasing (open drain
output).
L1, L2
Connection to internal voltage controlled
oscillator (VCO). An inductor should be
connected between these pins. The
inductor value will determine the VCO
tuning range. The inductor should be place
very close to the pins in order to minimize
paracitic inductance.
CHP_OUT
Charge Pump output. If the RF transceiver
is configured for external loop filter this is
the current output from the charge pump.
Normally the internal loop filter should be
used and this pin should be left open (not
connected).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com