Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 6Page - Texas Instruments CC1010-RTR1 Datasheet HTML 7Page - Texas Instruments CC1010-RTR1 Datasheet HTML 8Page - Texas Instruments CC1010-RTR1 Datasheet HTML 9Page - Texas Instruments CC1010-RTR1 Datasheet HTML 10Page - Texas Instruments CC1010-RTR1 Datasheet HTML 11Page - Texas Instruments CC1010-RTR1 Datasheet HTML 12Page - Texas Instruments CC1010-RTR1 Datasheet HTML 13Page - Texas Instruments CC1010-RTR1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 152 page
background image
CC1010
SWRS047
Page 10 of 152
9. RF receive section
Parameter
Min.
Typ.
Max.
Unit
Condition
Receiver Sensitivity,
433 / 868 MHz
-107/
-106
dBm
2.4 kBaud, Manchester coded
data, 64 kHz frequency
separation, BER = 10
-3
See Table 33 and Table
34page 105 for typical
sensitivity figures at other
data rates.
System noise bandwidth
30
kHz
2.4 kBaud, Manchester coded
data
Cascaded noise figure
433/868 MHz
12/13
dB
Saturation (maximum input
level)
10
dBm
2.4 kBaud, Manchester coded
data, BER = 10
-3
-1
dBm
76.8 kBaud NRZ, BER = 10
-3
Input IP3
-26
dBm
From LNA to IF output
Blocking
40
dBc
At +/- 1 MHz
LO leakage
-57
dBm
Input impedance
90-j13
68-j24
36-j11
36-j13
Receive mode, series
equivalent
at 315 MHz
at 433 MHz
at 868 MHz
at 915 MHz
For matching details see
“Input/ output matching” p.
120.
Turn on time
11
128
Baud
The demodulator settling
time, which is programmable,
determines the turn-on time.
See page 97 for details.
Table 8. RF receive characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com