Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 37 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 37 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 33Page - Texas Instruments CC1010-RTR1 Datasheet HTML 34Page - Texas Instruments CC1010-RTR1 Datasheet HTML 35Page - Texas Instruments CC1010-RTR1 Datasheet HTML 36Page - Texas Instruments CC1010-RTR1 Datasheet HTML 37Page - Texas Instruments CC1010-RTR1 Datasheet HTML 38Page - Texas Instruments CC1010-RTR1 Datasheet HTML 39Page - Texas Instruments CC1010-RTR1 Datasheet HTML 40Page - Texas Instruments CC1010-RTR1 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 152 page
background image
CC1010
SWRS047
Page 37 of 152
15.10 Flash Program Memory
CC1010 has 32 kBytes of on-chip Flash
program memory. It is divided into 256
pages of 128 bytes each. It can be
programmed / erased through a serial SPI
interface or page-by-page from the 8051
as described in the following sections.
The endurance for the Flash program
memory is typically 20.000 erase / write
cycles.
The Flash program memory can be locked
for further reading / writing by setting
appropriate lock bits through the serial
interface. Chip erase must be performed
to unlock the memory. This provides a way
to prevent software from being copied by
others. It can also prevent parts of the
Flash memory from being modified by
software, such as a boot loader that
should remain unchanged. Other parts of
the Flash may still be updated by the boot
loader.
For the security of the Flash protection,
please refer to the disclaimer at the end of
this document.
Erasing a Flash page takes 10-20 ms
depending on the FLTIM register. Writing
to a Flash page takes 5-10 ms.
15.11 SPI Flash Programming
The on-chip Flash program memory can
be programmed using the SPI Flash
programming protocol described in this
section.
SPI Flash programming is enabled when
the pin PROG is held low. This enables the
SPI slave, using the pins SCK (P0.0) as
the clock input, SI (P0.1) as the serial
data input and SO (P0.2) as the serial
data output.
A Windows based Flash programmer is
also available free of charge at the
Chipcon web site.
15.12 Serial Programming Algorithm
When writing serial data to the SPI
interface, data is clocked at the rising edge
of SCK. When reading data from the SPI
interface, data is clocked at the falling
edge of SCK, see Figure 5.
1. Apply power between VDD and DGND
while SCK is set to ‘0’. If a crystal is not
connected between XOSC_Q1 and
XOSC_Q2 apply a clock signal to the
XOSC_Q1 pin.
2. Give RESET a negative pulse of at
least one XOSC period.
3. Set PROG low.
4. Send the Programming Enable
command. Check that the slave is
synchronised by verifying that the
second byte of the instruction is
echoed back when issuing the third
byte. If the second byte did not echo,
issue a positive pulse on SCK and try
again. In the worst case it will take 32
attempts to synchronise.
5. Send the Set Write Cycle Time
command according to the device
clock oscillator frequency. c*16*clock
period must be between 20-40us for
safe flash programming.
6. If a chip erase is performed wait
450ms after the instruction before
issuing Write.
7. Flash memory is programmed one
page at a time. Each page consists of
128 bytes. Load all bytes of the page
that is to be programmed with the
Load Program Memory Page
instruction.
8. When all bytes of a page has been
loaded issue Write Program Memory
Page with the page address. The write
operation finishes within 5.4ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com