Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 45 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 45 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 41Page - Texas Instruments CC1010-RTR1 Datasheet HTML 42Page - Texas Instruments CC1010-RTR1 Datasheet HTML 43Page - Texas Instruments CC1010-RTR1 Datasheet HTML 44Page - Texas Instruments CC1010-RTR1 Datasheet HTML 45Page - Texas Instruments CC1010-RTR1 Datasheet HTML 46Page - Texas Instruments CC1010-RTR1 Datasheet HTML 47Page - Texas Instruments CC1010-RTR1 Datasheet HTML 48Page - Texas Instruments CC1010-RTR1 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 152 page
background image
CC1010
SWRS047
Page 45 of 152
in Flash) breakpoint, so that it can be
executed (in single-step mode).
•
SFRs
(hardware
registers)
can
normally only be addressed directly
(i.e. by hardwiring the specific address
into
the
corresponding
MOV
instruction.) This would make code in
a debug monitor, which returns the
value of SFRs to a PC rather bloated.
Using the instruction replacement
mechanism on the operand byte of the
move instruction instead of the opcode
byte, allows indirect addressing of
SFRs.
Chipcon provides software for in-circuit
debugging, which may be downloaded
from
the
Chipcon
homepage.
This
software uses the RESERVED register,
which can then not be used for other
purposes. If in-circuit debugging is not
required, the RESERVED register shown
below may be used for any purpose.
Writing to it will have no effect on the
operation of
CC1010.
Great caution should be used when the
RADR is written. Since the address
consists of two bytes (RADRL and RADRH),
there will be a short interval where the
address is not valid as only one of the
bytes are written at a time. If this
intermediate address point to the very
same location as of the code modifying the
RADR, a malfunction will occur. One
possible work-around is to first write
RADRH to a value pointing to a memory
location not used by the code.
RESERVED (0xE7) - Reserved register, used by Chipcon debugger software
Bit
Name
R/W
Reset value
Description
7:0
RESERVED(7:0)
R/W
0x00
Reserved register, which is used by Chipcon
debugger software.
RESERVED may be used for
other purposes if Chipcon’s debugger software is
not needed.
RDATA (0xB9) - Replacement Data
Bit
Name
R/W
Reset value
Description
7:0
RDATA(7:0)
R/W
0x00
Replacement data.
Used to replace the byte at program memory
address
RADR with the data from RDATA, if
RADR > 0.
RADRH (0xBB) - Replacement address, high byte
Bit
Name
R/W
Reset value
Description
7:0
RADR(15:8)
R/W
0x00
Replacement address, high byte.
Used to replace the byte at program memory
address
RADR with the data from RDATA, if
RADR > 0.
RADRL (0xBA) - Replacement address, low byte
Bit
Name
R/W
Reset value
Description
7:0
RADR(7:0)
R/W
0x00
Replacement address, low byte.
Used to replace the byte at program memory
address
RADR with the data from RDATA, if
RADR > 0
15.16 Chip Version / Revision
CC1010 has a SFR register CHVER that can
be read to decide the chip type and
current revision. The register description is
shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com