Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 14 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 10Page - Texas Instruments CC1010-RTR1 Datasheet HTML 11Page - Texas Instruments CC1010-RTR1 Datasheet HTML 12Page - Texas Instruments CC1010-RTR1 Datasheet HTML 13Page - Texas Instruments CC1010-RTR1 Datasheet HTML 14Page - Texas Instruments CC1010-RTR1 Datasheet HTML 15Page - Texas Instruments CC1010-RTR1 Datasheet HTML 16Page - Texas Instruments CC1010-RTR1 Datasheet HTML 17Page - Texas Instruments CC1010-RTR1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 152 page
background image
CC1010
SWRS047
Page 14 of 152
Pin
#
Pin name
Alternate
function
Pin type
Description
13
CHP_OUT
-
Analog output
Charge pump current output when external
loop filter is used
14
R_BIAS
-
Analog
Connection for external precision bias
resistor (82 k
Ω, ± 1%)
15
AVDD
-
Power (A)
Power supply misc. analog modules
16
AGND
-
Power (A)
Ground connection misc. analog modules
17
AGND
-
Power (A)
Analog ground connection
18
XOSC_Q1
-
Analog input
3-24 MHz crystal, pin 1 or external clock
input
19
XOSC_Q2
-
Analog output
3-24 MHz crystal, pin 2
20
XOSC32_Q
2
-
Analog output
32 kHz crystal pin2
21
XOSC32_Q
1
-
Analog input
32 kHz crystal pin1 or external clock input
22
AGND
-
Power (A)
Analog ground connection
23
DGND
-
Power (D)
Digital ground connection
24
DGND
-
Power (D)
Digital ground connection
25
POR_E
-
Digital input
Power-on reset enable.
0: Disable internal power-on reset module
1: Enable internal power-on reset module
26
P1.0
-
Digital high-Z I/O
8051 port 1, bit 0
27
P2.0
RXD1 (I)
Digital high-Z I/O
8051 port 2, bit 0 or RX of serial port 1
28
P2.1
TXD1 (O)
Digital high-Z I/O
8051 port 2, bit 1 or TX of serial port 1
29
P3.5
PWM3 (O)
T1 (I)
Digital high-Z I/O
8051 port 3, bit 5 or pulse width modulator
3's output or Timer / Counter 1 external input
30
P3.4
PWM2 (O)
T0 (I)
Digital high-Z I/O
8051 port 3, bit 4 or pulse width modulator
2's output or Timer / Counter 0 external input
31
P3.3
INT1 (I)
Digital high-Z I/O
8051 port 3, bit 3 or interrupt 1 input
configurable as level or edge sensitive
32
DGND
-
Power (D)
Ground connection digital part
33
P0.0
SCK (O)
SCK (I)
Digital high-Z I/O
8051 port 0, bit 0 or SPI master interface
serial clock output or Flash programming
SPI slave clock input.
34
P0.1
MO (O)
SI (I)
Digital high-Z I/O
8051 port 0, bit 1 or SPI interface master
output or Flash programming SPI slave
serial data input
35
P1.1
-
Digital high-Z I/O
8051 port 1, bit 1
36
P1.2
-
Digital high-Z I/O
8051 port 1, bit 2
37
P1.3
-
Digital high-Z I/O
8051 port 1, bit 3
38
P1.4
-
Digital high-Z I/O
8051 port 1, bit 4
39
P2.2
-
Digital high-Z I/O
(Schmitt trigger
input)
8051 port 2, bit 2
40
DVDD
-
Power (D)
Digital power supply
41
DGND
-
Power (D)
Ground connection digital part
42
P2.3
-
Digital high-Z I/O (8
mA)
8051 port 2, bit 3
43
DVDD
-
Power (D)
Digital power supply
44
P2.4
-
Digital high-Z I/O
8051 port 2, bit 4
45
P2.5
-
Digital high-Z I/O
8051 port 2, bit 5
46
P3.2
INT0 (I)
Digital high-Z I/O
8051 port 3, bit 2 or interrupt 0 input
configurable as level or edge sensitive
47
P3.1
TXD0 (O)
Digital high-Z I/O
8051 port 3, bit 1 or TX of serial port 0
48
P3.0
RXD0 (I)
Digital high-Z I/O
8051 port 3, bit 0 or RX of serial port 1
49
DGND
-
Power (D)
Digital ground connection
50
DVDD
-
Power (D)
Digital power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com