Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 36 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 36 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 32Page - Texas Instruments CC1010-RTR1 Datasheet HTML 33Page - Texas Instruments CC1010-RTR1 Datasheet HTML 34Page - Texas Instruments CC1010-RTR1 Datasheet HTML 35Page - Texas Instruments CC1010-RTR1 Datasheet HTML 36Page - Texas Instruments CC1010-RTR1 Datasheet HTML 37Page - Texas Instruments CC1010-RTR1 Datasheet HTML 38Page - Texas Instruments CC1010-RTR1 Datasheet HTML 39Page - Texas Instruments CC1010-RTR1 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 152 page
background image
CC1010
SWRS047
Page 36 of 152
PCON (0x87) - Power Control Register
Bit
Name
R/W
Reset value
Description
7
SMOD0
R/W
0
Serial Port 0 baud rate doubler enable.
0 : Serial Port 0 baud rate is not doubled
1 : Serial Port 0 baud rate is doubled
6
-
R/W
0
Reserved
5
-
R1
1
Reserved, read as 1
4
-
R1
1
Reserved, read as 1
3
GF1
R/W
0
General purpose flag 1. Bit-addressable, general
purpose flag for software control.
2
GF0
R/W
0
General purpose flag 0. Bit-addressable, general
purpose flag for software control.
1
STOP
R/W
0
Power Down (Stop) mode select. Setting the
STOP bit
places
CC1010 core and peripherals in Stop Mode.
0
IDLE
R/W
0
Idle mode select. Setting the
IDLE bit places CC1010
in Idle Mode (core is stopped but peripherals are
running).
X32CON (0xD1) - 32.768 kHz Crystal Oscillator Control Register
Bit
Name
R/W
Reset value
Description
7
-
R0
0
Reserved, read as 0
6
-
R0
0
Reserved, read as 0
5
-
R0
0
Reserved, read as 0
4
-
R0
0
Reserved, read as 0
3
-
R0
0
Reserved, read as 0
2
X32_BYPASS R/W
0
32.768 kHz oscillator bypass control signal
0 : The internal 32.768 kHz oscillator is used to
generate the 32.768kHz clock
1 : The internal 32.768 kHz oscillator is bypassed, and
an external clock signal can be applied to the
XOSC32_Q1 pin.
1
X32_PD
R/W
1
32.768 kHz oscillator power down signal
0 : The oscillator is powered up
1 : The oscillator is powered down (default after reset)
0
CMODE
R/W
0
Select different Clock Modes for the 8051 and its
peripherals.
0 : Clock Mode 0 is selected (default after reset)
1 : Clock Mode 1 is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com