Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 55 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 55 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 51Page - Texas Instruments CC1010-RTR1 Datasheet HTML 52Page - Texas Instruments CC1010-RTR1 Datasheet HTML 53Page - Texas Instruments CC1010-RTR1 Datasheet HTML 54Page - Texas Instruments CC1010-RTR1 Datasheet HTML 55Page - Texas Instruments CC1010-RTR1 Datasheet HTML 56Page - Texas Instruments CC1010-RTR1 Datasheet HTML 57Page - Texas Instruments CC1010-RTR1 Datasheet HTML 58Page - Texas Instruments CC1010-RTR1 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 152 page
background image
CC1010
SWRS047
Page 55 of 152
CKCON (0x8E) - Timer Clock rate Control Register
Bit
Name
R/W
Reset value
Description
7
-
R0
0
Reserved, read as 0
6
-
R0
0
Reserved, read as 0
5
-
R0
0
Reserved, read as 0
4
T1M
R/W
0
Timer 1 clock select.
T1M has no effect in counter mode.
0 : Timer 1 uses the
µC clock divided by 12 (for
compatibility with the 80C32)
1 : Timer 1 uses the
µC clock divided by 4
3
T0M
R/W
0
Timer 0 clock select.
T0M has no effect in counter mode.
0 : Timer 0 uses the
µC clock divided by 12 (for
compatibility with the 80C32)
1 : Timer 0 uses the
µC clock divided by 4
2:0
MD(2:0)
R/W
001
MD(2:0) controls the memory stretch cycles when
accessing the external RAM. The reset value is 001, but
for faster access to external RAM,
MD(2:0) should
always be written 000.
16.2.2
Mode 0
Mode 0 operation is illustrated for timer or
counter 0 and 1 in Figure 8. The timer /
counter uses bit 0 to 4 of TL0 / TL1 and all
8 bits of TH0 / TH1 as a 13 bit counter.
TCON.TR0 / TCON.TR1 must be set to
enable the Timer / Counter.
The
T
C/
bit in TMOD selects the Timer or
Counter clock source as described.
Transitions are counted from the selected
source, as long as TMOD.GATE0 /
TMOD.GATE1 is 0, or TMOD.GATE0 /
TMOD.GATE1 is 1 and the corresponding
interrupt
pin
( INT0 / INT1 )
is
deasserted.
When the 13-bit count increments from
0x1FFF (all ones), the counter rolls over to
all zeros. The overflow flag TCON.TF0 /
TCON.TF1 is then set.
The 3 most significant bits in TL0 / TL1
are undetermined in Mode 0, and should
be masked by software for evaluation.
In Mode 0, the timer timeout period is
determined by:
(
)(
)
xosc
f
TLx
THx
TxM
CKCON
T
:
8192
.
8
12
=
where THx:TLx is the contents of the
THx:TLx registers if this is reloaded in the
interrupt handler, or 0 if no reload is done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com