Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 39 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 35Page - Texas Instruments CC1010-RTR1 Datasheet HTML 36Page - Texas Instruments CC1010-RTR1 Datasheet HTML 37Page - Texas Instruments CC1010-RTR1 Datasheet HTML 38Page - Texas Instruments CC1010-RTR1 Datasheet HTML 39Page - Texas Instruments CC1010-RTR1 Datasheet HTML 40Page - Texas Instruments CC1010-RTR1 Datasheet HTML 41Page - Texas Instruments CC1010-RTR1 Datasheet HTML 42Page - Texas Instruments CC1010-RTR1 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 152 page
background image
CC1010
SWRS047
Page 39 of 152
Figure 5. SPI Flash Programming Timing
Symbol
Min
Max
Units
Conditions
Fsck
-
fXOSC / 8
Tsck, high
4
⋅ TXOSC
-
The minimum time
SCK must be held high
Tsck, low
4
⋅ TXOSC
-
The minimum time
SCK must be held low
Tsck, rise
-
TXOSC /2
ns
The maximum rise time on
SCK
Tsck, fall
-
TXOSC /2
ns
The maximum fall time on
SCK
Tsi, setup
TXOSC
-
The minimum setup time for
SI before the positive edge
on
SCK
Tsi, hold
TXOSC
-
The minimum hold time for
SI after the positive edge on
SCK
Tso, delay
-
TXOSC
The delay from the negative edge on
SCK to valid data
on
SO
Table 17. SPI Flash Programming Timing Parameters
15.12.2 Programming Enable
Programming Enable is always the first
instruction to be sent. It must be sent to
synchronise the data flow and enable
CC1010 to receive further instructions.
Synchronisation is achieved when byte 2
of the instruction (0x53) is echoed back
from the SPI interface as byte 3. If
synchronisation is not achieved, byte 3 will
return all zeros. In this case, an extra clock
pulse should be inserted on SCK, and the
Programming Enable instruction should be
resent. If synchronisation is not successful
within 32 attempts, Programming Enable
is unsuccessful and further debugging is
needed.
15.12.3 Set Flash Timing
The Set Flash Timing instruction is needed
to generate internal timing for the Flash
module. FLTIM must be set in instruction
byte 4 so that:
MHz
f
MHz
f
XOSC
XOSC
4
.
0
8
.
0
≤
≤ FLTIM
It is recommended to set FLTIM to the
smallest number satisfying the equation
above, to reduce the time needed for
Flash programming. For a 3.6864 MHz
crystal, FLTIM should be set to 5.
15.12.4 Chip Erase
The Chip Erase instruction erases all data
in the Flash memory, including the lock
bits. All bits will be set high.
Wait 450 ms (depending on Set Flash
Timing) after sending the Chip Erase
instruction
before
issuing
a
new
instruction.
15.12.5 Load Program Memory Page
The
Load
Program
Memory
Page
instruction is used to load the 128 bytes of
data in a page to a buffer in RAM. Each
instruction writes one byte to the 7 bit
address specified in the instruction.
SCK (P0.0)
SI (P0.1)
SO (P0.2)
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Tsck, high
Tsck, low
Tsck, rise
Tsck, fall
Tsi, setup
Tsi, hold
Tso, delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com