Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 82 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 82 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 78Page - Texas Instruments CC1010-RTR1 Datasheet HTML 79Page - Texas Instruments CC1010-RTR1 Datasheet HTML 80Page - Texas Instruments CC1010-RTR1 Datasheet HTML 81Page - Texas Instruments CC1010-RTR1 Datasheet HTML 82Page - Texas Instruments CC1010-RTR1 Datasheet HTML 83Page - Texas Instruments CC1010-RTR1 Datasheet HTML 84Page - Texas Instruments CC1010-RTR1 Datasheet HTML 85Page - Texas Instruments CC1010-RTR1 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 152 page
background image
CC1010
SWRS047
Page 82 of 152
ADCON 2(0x96) - ADC Control Register 2
Bit
Name
R/W
Reset value
Description
7
ADCIE
R/W
0
ADC interrupt enable flag. In order for
ADCIF to raise
an interrupt,
EIE.ADIE must also be set.
6
ADCIF
R/W
0
ADC interrupt flag.
ADCIF must be cleared by software.
Because the ADC shares an interrupt line with the DES
module,
EXIF.ADIF must also be cleared by software
before exiting the interrupt service routine.
EXIF.ADIF
should be cleared first so that the 8051 is ready to
receive a new interrupt immediately after
ADCIF is
cleared.
5:0
ADCDIV
R/W
0x00
ADC clock divider. Selects ADC clock divider in steps of
16.
000000: Divider is 16
000001: Divider is 32
111111: Divider is 1024
ADTRH (0x97) - ADC Threshold Register
Bit
Name
R/W
Reset value
Description
7:0
ADTRH(7:0) R/W 0x00
ADC comparator threshold value, used to generate ADC
interrupt or chip reset when the threshold is exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com