Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 72 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 72 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 68Page - Texas Instruments CC1010-RTR1 Datasheet HTML 69Page - Texas Instruments CC1010-RTR1 Datasheet HTML 70Page - Texas Instruments CC1010-RTR1 Datasheet HTML 71Page - Texas Instruments CC1010-RTR1 Datasheet HTML 72Page - Texas Instruments CC1010-RTR1 Datasheet HTML 73Page - Texas Instruments CC1010-RTR1 Datasheet HTML 74Page - Texas Instruments CC1010-RTR1 Datasheet HTML 75Page - Texas Instruments CC1010-RTR1 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 152 page
background image
CC1010
SWRS047
Page 72 of 152
SPCR (0xA1) - SPI Control Register
Bit
Name
R/W
Reset value
Description
7
-
R0
0
Reserved, read as 0
6
-
R/W
0
Reserved, write 0
5
SPE
R/W
0
0
SPI Enable.
0 : SPI interface is disabled
1 : SPI interface is enabled
4
DORD
R/W
0
Data Order
0 : Least significant bit (LSB) is transmitted / received first
1 : Most significant bit (MSB) is transmitted / received first
3
CPOL
R/W
0
Clock Polarity
0 :
SCK has negative clock polarity
1 :
SCK has positive clock polarity
2
CPHA
R/W
0
Clock Phase
0 : Data is output on
DO when SCK goes from CPOL to
CPOL and is sampled from DI when SCK goes from
CPOL to CPOL
1 : Data is output on
DO when SCK goes from CPOL to
CPOL and is sampled from
DI when SCK goes from
CPOL to
CPOL
1:0
SPR(1:0)
R/W
0
SPI Data Rate.
SPR(1:0)
00 :
SCK clock frequency = fXOSC / 8
01 :
SCK clock frequency = fXOSC / 16
10 :
SCK clock frequency = fXOSC / 32
11 :
SCK clock frequency = fXOSC / 64
SPDR (0xA2) - SPI Data Register
Bit
Name
R/W
Reset value
Description
7:0
SPDR(7:0)
R/W
0x00
SPI Data Register
Writing to
SPDR when SPCR.SPE is set will initiate a
data transmission. Reading
SPDR will read the data
input buffer, which is only updated after each completed
transmission.
SPSR (0xA3) - SPI Status Register
Bit
Name
R/W
Reset value
Description
7:2
-
R0
0x00
Reserved, read as 0
1
SPA
R
0
SPI Active status bit
0 : The SPI interface is currently not transmitting data
1 : The SPI interface is currently transmitting data
0
WCOL
R
0
Write collision flag. This flag is updated by hardware
when
SPDR is written.
0 : The previous write to
SPDR did not generate a data
collision.
1 : The previous write to
SPDR generated a data
collision
Writing data to SPDR when SPCR.SPE is
set will initiate a data transmission. 8 bits
are transmitted and received with the data
order, clock polarity, clock phase and data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com