Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 80 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 80 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 76Page - Texas Instruments CC1010-RTR1 Datasheet HTML 77Page - Texas Instruments CC1010-RTR1 Datasheet HTML 78Page - Texas Instruments CC1010-RTR1 Datasheet HTML 79Page - Texas Instruments CC1010-RTR1 Datasheet HTML 80Page - Texas Instruments CC1010-RTR1 Datasheet HTML 81Page - Texas Instruments CC1010-RTR1 Datasheet HTML 82Page - Texas Instruments CC1010-RTR1 Datasheet HTML 83Page - Texas Instruments CC1010-RTR1 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 152 page
background image
CC1010
SWRS047
Page 80 of 152
to 250 kHz, then the conversion time is 44
µs.
In
single-conversion
mode
each
conversion is initiated by setting the
ADCON.ADCRUN control bit. The ADC
interrupt
flags
EXIF.ADIF
and
ADCON2.ADCIF are set by hardware if the
8 MSB of the latest sampled value is
greater than or equal to the threshold
value stored in the ADTRH register. An
interrupt service routine is then executed if
the interrupt enable flags EIE.ADIE and
ADCON2.ADCIE are set. To always get an
interrupt upon completion of a conversion,
ADTRH
should
be
set
to
0.
The
ADCON.ADCRUN control bit is cleared by
hardware when the conversion is finished.
In the multi-conversion modes the ADC
starts a new conversion every 11th ADC
clock cycle. All multi-conversion modes
can
be
stopped
by
clearing
ADCON.ADCRUN, after which the ADC will
abort its current conversion and then stop.
In all modes an action is taken when the 8
MSB of the latest sample value is greater
than or equal to the value written in
ADTRH; these are:
Multi-conversion, continuous. When the
threshold comparison holds true (value
ADTRH⋅ 4) an interrupt is generated and
the corresponding interrupt service routine
is then executed if the interrupt enable
flags EIE.ADIE and ADCON2.ADCIE are
set. The ADC will continue its conversions
regardless of the result of the threshold
comparison. To always get an interrupt
upon completion of a conversion, ADTRH
should be set to 0.
Multi-conversion, stopping. When the
threshold comparison holds true (value
ADTRH⋅ 4) an interrupt is generated and
the corresponding interrupt service routine
is then executed if the interrupt enable
flags EIE.ADIE and ADCON2.ADCIE are
set. The ADC will stop when the threshold
comparison
holds
true,
clearing
ADCON.ADCRUN.
Multi-conversion,
reset-generating.
When the threshold comparison holds true
(value
≥ ADTRH⋅ 4) a system reset is
generated. This mode can be used in
conjunction with the 8051's stop mode and
the 32 kHz oscillator to achieve very low
power consumption while monitoring a
signal. The value stored in ADDATH and
ADDATL is not affected by a reset, so that
the sampled value can be read back after
the reset has taken effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com