Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 16 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 12Page - Texas Instruments CC1010-RTR1 Datasheet HTML 13Page - Texas Instruments CC1010-RTR1 Datasheet HTML 14Page - Texas Instruments CC1010-RTR1 Datasheet HTML 15Page - Texas Instruments CC1010-RTR1 Datasheet HTML 16Page - Texas Instruments CC1010-RTR1 Datasheet HTML 17Page - Texas Instruments CC1010-RTR1 Datasheet HTML 18Page - Texas Instruments CC1010-RTR1 Datasheet HTML 19Page - Texas Instruments CC1010-RTR1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 152 page
background image
CC1010
SWRS047
Page 16 of 152
RBIAS
Current output from internal band gap cell
bias generator. A precision resistor (82
k
Ω, ±1%) should be connected between
this pin and ground to set the correct bias
current level.
XOSC_Q1, XOSC_Q2
These are the main oscillator connection
pins. An external crystal should be
connected between these pins, and load
capacitors should be connected between
each pin and ground. If an external
oscillator is used, the clock signal should
be connected to the XOSC_Q1 pin, and
XOSC_Q2 should be left open (not
connected).
XOSC32_Q1, XOSC32_Q2
These are the real time clock (RTC)
oscillator connection pins. An external
crystal should be connected between
these pins, and load capacitors should be
connected between each pin and ground.
If an external oscillator is used, the clock
signal should be connected to the
XOSC32_Q1
pin,
and
XOSC32_Q2
should be left open (not connected).
POR_E
Enable signal for the on-chip power-on
reset module. The power-on reset is
enabled when POR_E is connected to
DVDD and disabled when connected to
DGND.
PROG
Active low Flash programming enable pin.
When this signal is active (driven to DGND)
a Flash programmer can be connected to
the SPI interface. Under normal operation
it must be driven to DVDD.
RESET
Active low asynchronous system reset. It
has an internal pull-up resistor and can be
left unconnected during normal operation.
AD0, AD1
Analog inputs to A/D converter channels 0
and 1 respectively. When not used these
pins can be left open (not connected).
AD2 (RSSI/IF)
Analog input to A/D converter channel 2.
This pin can also be configured to be RSSI
output or IF output. The pin is configured
by the FREND register. When not used this
pin can be left open (not connected).
PORT 0
Port 0 is a 4-bit (P0.3-P0.0) bi-directional
CMOS I/O port with 2 mA drivers. A
direction register (P0DIR) controls whether
each pin is an output or input and the
register P0 is used to read the input or
control the logical value of the output.
Pins P0.0 - P0.2 can be configured to
become a master SPI interface in register
SPCR and will then override P0(2:0),
P0DIR(2) and P0DIR(1).
Used as SPI interface, P0.0 is SCK,
P0.1 is MOSI, and P0.2 is MISO.
PORT 1
Port 1 is an 8-bit (P1.7-P1.0) bi-
directional CMOS I/O port with 2 mA
drivers. A direction register (P1DIR)
controls whether each pin is an output or
input and the register P1 is used to read
the input or control the logical value of the
output.
PORT 2
Port 2 is an 8-bit (P2.7-P2.0) bi-
directional CMOS I/O port with 2 mA
drivers, except for P2.3 that has an 8 mA
output buffer. A direction register (P2DIR)
controls whether each pin is an output or
input and the register P2 is used to read
the input or control the logical value of the
output.
Pins P2.0 and P2.1 can be configured to
become the RXD1 and TXD1 pin,
respectively, of UART 1.
Pin P2.2 has a Schmitt-trigger input
stage. Note that while this pin does have
hysteresis, it will draw a large input current
(~0.5 mA) if the input voltage is close to
VDD/2.
PORT 3
Port 3 is a 6-bit (P3.5-P3.0) bi-directional
CMOS I/O port with 2 mA drivers. A
direction register (P3DIR) controls whether
each pin is an output or input. The register
P3 is used to read the input or control the
logical value of the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com