Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 100 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 100 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 96Page - Texas Instruments CC1010-RTR1 Datasheet HTML 97Page - Texas Instruments CC1010-RTR1 Datasheet HTML 98Page - Texas Instruments CC1010-RTR1 Datasheet HTML 99Page - Texas Instruments CC1010-RTR1 Datasheet HTML 100Page - Texas Instruments CC1010-RTR1 Datasheet HTML 101Page - Texas Instruments CC1010-RTR1 Datasheet HTML 102Page - Texas Instruments CC1010-RTR1 Datasheet HTML 103Page - Texas Instruments CC1010-RTR1 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 152 page
background image
CC1010
SWRS047
Page 100 of 152
MODEM1 (0xDA) - Modem Control Register 1
Bit
Name
R/W
Reset value
Description
7
-
R0
0
Reserved, read as 0
6
LOCK_AVG_IN
R/W
0
Lock control bit of average filter
0 : Average Filter is free-running,
used for receiving zero average
data (e.g. Preamble or Manchester
encoded data)
1 : Lock average filter, used for NRZ
data
5
LOCK_AVG_MODE
R/W
1
Automatic lock of average filter
0 : Lock of Average Filter is controlled
automatically, use when zero
average data is present when the
receiver is turned on
1 : Lock of Average Filter is controlled
by
LOCK_AVG_IN
4
LOCK_AVG_STAT
R
0
Average filter status bit
0 : Average filter is free running
1 : Average filter is locked
3:2
SETTLING(1:0)
R/W
11
Settling time of average filter
00 : 11 baud settling time, worst case
1.2dB loss in sensitivity
01 : 22 baud settling time, worst case
0.6dB loss in sensitivity
10 : 43 baud settling time, worst case
0.3dB loss in sensitivity
11 : 86 baud settling time, worst case
0.15dB loss in sensitivity
1
PEAKDETECT
R/W
Peak detector and remover enable /
disable
0 : Peak detector and remover is
disabled.
1 : Peak detector and remover is
enabled
0
MODEM_RESET_N
R/W
Separate reset of the MODEM.
0 : The Modem is reset
1 : The Modem reset is released
MODEM2 (0xD9) - Modem Control Register 2
Bit
Name
R/W
Reset value
Description
7
-
R0
0
Reserved, read as 0
6:0
PLO(6:0)
R/W
0x16
Peak Level Offset, threshold level for peak the peak
detector and remover in the demodulator, which is
activated when
MODEM1.PEAKDETECT is set. PLO
should be set as described on page 97.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com