Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 101 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 101 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 97Page - Texas Instruments CC1010-RTR1 Datasheet HTML 98Page - Texas Instruments CC1010-RTR1 Datasheet HTML 99Page - Texas Instruments CC1010-RTR1 Datasheet HTML 100Page - Texas Instruments CC1010-RTR1 Datasheet HTML 101Page - Texas Instruments CC1010-RTR1 Datasheet HTML 102Page - Texas Instruments CC1010-RTR1 Datasheet HTML 103Page - Texas Instruments CC1010-RTR1 Datasheet HTML 104Page - Texas Instruments CC1010-RTR1 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 152 page
background image
CC1010
SWRS047
Page 101 of 152
RFCON (0xC2) - RF Control Register
Bit
Name
R/W
Reset value
Description
7:5
-
R0
0
Reserved, read as 0
4
MVIOL
R
0
Manchester code violation status of current bit in
bitmode or the aggregate-OR of the Manchester code
status of all bits in the current byte in bytemode. Only
valid when
MODEM0.DATA_FORMAT=01
(Manchester encoding)
3:1
MLIMIT(2:0)
R/W
011
Limit value used by the clock regeneration logic in
Manchester mode to determine whether the current
symbol constitutes a Manchester code violation. The
violation detection is determined by how balanced the
bit is by looking at the 14 samples. A perfect bit is 14
(all samples are correct). The limit can be set from 1 to
7 (001 – 111). 0 disable the violation detection
function.
0
BYTEMODE
R/W
0
Select bit or bytemode
0 : Bitmode is enabled. Data is transmitted and
received bit by bit through
RFBUF.0
1 : Bytemode is enabled. Data is transmitted and
received byte by byte through
RFBUF, with MSB first.
BYTEMODE is ignored if PDET.PEN = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com