Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 105 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 105 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 101Page - Texas Instruments CC1010-RTR1 Datasheet HTML 102Page - Texas Instruments CC1010-RTR1 Datasheet HTML 103Page - Texas Instruments CC1010-RTR1 Datasheet HTML 104Page - Texas Instruments CC1010-RTR1 Datasheet HTML 105Page - Texas Instruments CC1010-RTR1 Datasheet HTML 106Page - Texas Instruments CC1010-RTR1 Datasheet HTML 107Page - Texas Instruments CC1010-RTR1 Datasheet HTML 108Page - Texas Instruments CC1010-RTR1 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 152 page
background image
CC1010
SWRS047
Page 105 of 152
17.11 Receiver sensitivity versus data rate and frequency separation
The receiver sensitivity depends on the
data rate, the data format, FSK frequency
separation and the RF frequency. Typical
figures for the receiver sensitivity (BER =
10
-3) are shown in Table 33 for 64 kHz
frequency separations and in Table 34 for
20
kHz.
Optimised
sensitivity
configurations
are
used.
For
best
performance the frequency separation
should be as high as possible especially at
high data rates.
Figure 31 and Figure 32 show typical
figures for how sensitivity varies as a
function of the frequency offset between
the
transmitter
and
the
receiver.
433 MHz
868 MHz
Data rate
[kBaud]
Separation
[kHz]
NRZ
mode
Manchester
mode
NRZ
mode
Manchester
mode
0.6
64
-109
-108
-106
-106
1.2
64
-107
-106
-104
-104
2.4
64
-105
-105
-101
-103
4.8
64
-104
-103
-98
-100
9.6
64
-102
-101
-96
-98
19.2
64
-100
-99
-96
-96
38.4
64
-97
-98
-94
-94
76.8
64
-96
-96
-93
-93
Table 33. Typical receiver sensitivity as a function of data rate at 433 and 868 MHz, BER =
10-3, frequency separation 64 kHz
433 MHz
868 MHz
Data rate
[kBaud]
Separation
[kHz]
NRZ
mode
Manchester
mode
NRZ
mode
Manchester
mode
0.6
20
-105
-105
-100
-102
1.2
20
-104
-103
-99
-101
2.4
20
-101
-101
-97
-99
4.8
20
-98
-100
-96
-98
9.6
20
-98
-99
-94
-96
19.2
20
-97
-98
-94
-94
38.4
20
N/R
N/R
N/R
N/R
76.8
20
N/R
N/R
N/R
N/R
Table 34. Typical receiver sensitivity as a function of data rate at 433 and 868 MHz, BER =
10-3, frequency separation 20 kHz
N/R = Not recommended (data rate too high compared to frequency separation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com