Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 108 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 108 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 104Page - Texas Instruments CC1010-RTR1 Datasheet HTML 105Page - Texas Instruments CC1010-RTR1 Datasheet HTML 106Page - Texas Instruments CC1010-RTR1 Datasheet HTML 107Page - Texas Instruments CC1010-RTR1 Datasheet HTML 108Page - Texas Instruments CC1010-RTR1 Datasheet HTML 109Page - Texas Instruments CC1010-RTR1 Datasheet HTML 110Page - Texas Instruments CC1010-RTR1 Datasheet HTML 111Page - Texas Instruments CC1010-RTR1 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 152 page
background image
CC1010
SWRS047
Page 108 of 152
number between 2 and 24 that should be
chosen such that:
1.00 MHz
≤ fref ≤ 2.40 MHz
Thus, the reference frequency fref is:
REFDIV
f
f
xosc
ref =
fVCO is the Local Oscillator (LO) frequency
in receive mode, and the f0 frequency in
transmit mode (lower FSK frequency).
The LO frequency must be fRF – fIF or fRF +
fIF giving low-side or high side LO injection
respectively. Note that the data in RFBUF
will be inverted if high-side LO is used.
Please also note that fIF depends on the
RF frequency (150 and 130 kHz for 433
and 868 MHz respectively).
The upper FSK transmit frequency is given
by:
f1 = f0 + fsep ,
where the frequency separation fsep is set
by
the
11
bit
separation
word
(FSEP1:FSEP0):
16384
FSEP
f
f
ref
sep
=
Clearing
PLL.ALARM_DISABLE
will
enable generation of the frequency alarm
bits PLL.ALARM_H and PLL.ALARM_L.
These bits indicate that the frequency
synthesis PLL is unable to generate the
frequency requested, and the PLL should
be recalibrated as described in the VCO
and PLL self-calibration section on page
113.
It
is
recommended
that
the
LOCK_CONTINOUS bit in the LOCK register
is checked when changing frequencies
and when changing between RX and TX
mode. If lock is not achieved, a calibration
should be performed as described on
page 113.
Chipcon recommends using the frequency
settings described in the Recommended
Settings for ISM Frequencies section on
page 111. Chipcon recommends the use
of the SmartRF
®
Studio software to
calculate RF settings for the CC1010.
Using the Print registers to file option in
the File menu generates a text file with a C
constant structure that can be passed to
the RF configuration routines in the HAL
library.
FREQ_2A (0xCC) – Frequency A, Control Register 2
Bit
Name
R/W
Reset value
Description
7:0
FREQ_A (23:16)
R/W
0x75
8 MSB of frequency control word A. It must be
programmed such that FREQ_2A
≥ 01000000
FREQ_1A (0xCB) – Frequency A, Control Register 1
Bit
Name
R/W
Reset value
Description
7:0
FREQ_A (15:8)
R/W
0xA0
Bit 15 to 8 of frequency control word A.
FREQ_0A (0xCA) – Frequency A, Control Register 0
Bit
Name
R/W
Reset value
Description
7:0
FREQ_A(7:0)
R/W
0xCB
8 LSB of frequency control word A.
FREQ_2B (0xCF) - Frequency B, Control Register 2
Bit
Name
R/W
Reset value
Description
7:0
FREQ_B (23:16)
R/W
0x75
8 MSB of frequency control word B. It must be
programmed such that FREQ_2B
≥ 01000000
FREQ_1B (0xCE) - Frequency B, Control Register 1
Bit
Name
R/W
Reset value
Description
7:0
FREQ_B (15:8)
R/W
0xA5
Bit 15 to 8 of frequency control word B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com