Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTR1 Datasheet(PDF) 40 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 36Page - Texas Instruments CC1010-RTR1 Datasheet HTML 37Page - Texas Instruments CC1010-RTR1 Datasheet HTML 38Page - Texas Instruments CC1010-RTR1 Datasheet HTML 39Page - Texas Instruments CC1010-RTR1 Datasheet HTML 40Page - Texas Instruments CC1010-RTR1 Datasheet HTML 41Page - Texas Instruments CC1010-RTR1 Datasheet HTML 42Page - Texas Instruments CC1010-RTR1 Datasheet HTML 43Page - Texas Instruments CC1010-RTR1 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 152 page
background image
CC1010
SWRS047
Page 40 of 152
15.12.6 Write Program Memory Page
The
Write
Program
Memory
Page
instruction writes the 128 bytes buffered
through the Load Program Memory Page
instructions to Flash memory.
After issuing this command, wait 5.4 ms
for it to complete. It is also possible to use
the Read Program Memory instruction to
poll when the program memory has been
written. When writing is in progress, all
read instructions will return 0xFF. Reading
an address containing data different from
0xFF can then be used to check when the
write is completed.
15.12.7 Read Program Memory
The Flash program memory can be read
back byte by byte using the Read Program
Memory instruction. The data is returned
in byte 4 of the instruction.
Wait at least 9
⋅ TXOSC between the last
negative transition on SCK for byte 3
before issuing the first positive edge on
SCK for byte 4 to receive valid data.
15.12.8 Write Lock Bits
The reading (through SPI) and writing to
the Flash program memory can be
disabled by setting the lock bits as
described in this section. This should be
used for software protection.
The lock bits are set using the Write Lock
Bits instruction. A block of programmable
size at the top of the Flash program
memory can be locked for writing using
the
LSIZE
bits.
Page
0
can
be
independently locked for writing by using
the BBLOCK bit. Reading data through the
SPI interface can be disabled using the
SPIRE bit.
The detailed description of all lock bits is
given in Table 18.
Bit
Name
Function
7:3
-
Reserved, write as '0'
4
BBLOCK
Boot Block Lock
0 : Page 0 is write
protected
1 : Page 0 is writeable,
unless LSIZE is 000
3:1
LSIZE[2:0]
Lock Size, sets the size of
the upper Flash area which
is write protected. Byte
sizes and page numbers
are listed below:
000 : 32768 (All pages)
001 : 16384 (page 128-
255)
010 : 8192 (page 192-255)
011 : 4096 (page 224-255)
100 : 2048 (page 240-255)
101 : 1024 (page 248-255)
110 : 512 (page 252-255)
111 : 0 (no pages)
0
SPIRE
SPI Read Flash Enable /
Disable
0 : SPI Interface returns all
zeros on the Read
Program Memory
instruction
1 : SPI Interface returns
valid Flash data on the
Read Program Memory
instruction
Table 18. Flash Lock Bits
Lock bits can only be erased (set high) by
issuing the Chip Erase instruction. If
multiple Write Lock Bits instructions are
issued without chip erase in between,
each lock bit will be AND-ed together with
the previously written lock bits.
In effect, this means that it is not possible
to unlock the Flash program memory
without also erasing it.
The effect of the different lock size bits are
illustrated in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com