Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 21 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PS700 Datasheet HTML 17Page - Microchip Technology PS700 Datasheet HTML 18Page - Microchip Technology PS700 Datasheet HTML 19Page - Microchip Technology PS700 Datasheet HTML 20Page - Microchip Technology PS700 Datasheet HTML 21Page - Microchip Technology PS700 Datasheet HTML 22Page - Microchip Technology PS700 Datasheet HTML 23Page - Microchip Technology PS700 Datasheet HTML 24Page - Microchip Technology PS700 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
 2004 Microchip Technology Inc.
DS21760F-page 21
PS700
In order for the A/D control registers to function according to their names, their select fields should be programmed as
follows.
TABLE 4-4:
A/D CONTROL REGISTER FUNCTIONS
4.4.12
A/D RESULT REGISTERS
The eight 16-bit ADres registers are defined as follows.
TABLE 4-5:
A/D RESULT REGISTERS
The following register defines the bits contained in the eight 16-bit ADres registers.
REGISTER 4-4:
ADres REGISTERS
A/D Reg. #
Name
Select Value
ADc0
Ictrl
0
ADc1
ITctrl
1
ADc2
ETctrl
2
ADc3
VPctrl
3
ADc4
VC1ctrl
4
ADc5
VC2ctrl
5
ADc6
OFFSctrl
6
ADc7
AUXctrl
X
A/D Reg. #
Name
Function
Location (HEX)
ADr0
Ictrl
Current measurement result
40
ADr1
ITctrl
Internal temperature measurement result
44
ADr2
ETctrl
External temperature measurement result
48
ADr3
VPctrl
Pack voltage measurement result
4C
ADr4
VC1ctrl
VC1 voltage measurement result
50
ADr5
VC2ctrl
VC2 voltage measurement result
54
ADr6
OFFSctrl
Offset measurement result
58
ADr7
AUXctrl
Auxiliary measurement result
5C
Sign
Magnitude
bit 15
bit 0
bit 15
Sign: Polarity of the A/D Measurement bit
The Sign bit shows the polarity of the given result where:
1
= The value is negative
0
= The value is positive
bit 14-0
Magnitude: Magnitude of A/D Output bits
Magnitude reports the value of the A/D measurement, with all ‘0’s representing a 0 value and
all ‘1’s representing full scale.
Legend:
‘1’ = Bit is set
‘0’ = Bit is cleared
R = Reserved bit
Note:
The resolution bits, as defined in the ADctrl register, specify the measurement resolution and therefore,
number of bits stored in the ADres registers. The value stored in the ADres registers is left justified. Bits
beyond the selected resolution should be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com