Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 18 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PS700 Datasheet HTML 14Page - Microchip Technology PS700 Datasheet HTML 15Page - Microchip Technology PS700 Datasheet HTML 16Page - Microchip Technology PS700 Datasheet HTML 17Page - Microchip Technology PS700 Datasheet HTML 18Page - Microchip Technology PS700 Datasheet HTML 19Page - Microchip Technology PS700 Datasheet HTML 20Page - Microchip Technology PS700 Datasheet HTML 21Page - Microchip Technology PS700 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
PS700
DS21760F-page 18
 2004 Microchip Technology Inc.
4.4.9
ADCONFIG – A/D CONFIGURATION REGISTER
REGISTER 4-1:
ADCONFIG: A/D CONFIGURATION REGISTER (ADDRESS 43 HEX/67 DECIMAL)
ADEN
Samp
Reserved
SampDiv<2:0>
bit 7
bit 0
bit 7
ADEN: Master A/D Enable bit
If no conversions are desired, the A/D converter must be disabled using this bit.
1
= A/D conversions enabled
0
= A/D conversions disabled
bit 6
Samp: Sample Mode Enable bit
This bit controls the enabling of Sample mode when the PS700 is not in a Power-on Reset,
Sample-Sleep or Shelf-Sleep mode. When set to ‘1’, Sample mode is enabled and conversions
will be performed at a periodic rate determined by the programming of the SampDiv bits. When
cleared, Sample mode is disabled and the PS700 will operate in Run mode.
1
= Sample mode enabled
0
= Sample mode disabled
bit 5-3
Reserved: Reserved bit location
bit 2-0
SampDiv: Sample Period Interval bits
The SampDiv bits determine the interval between sample periods when the PS700 is operating
in Sample mode. The programmed interval will be 2**(SampDiv) * 0.5 sec.
Legend:
‘1’ = Bit is set
‘0’ = Bit is cleared
R = Reserved bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com