Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 19 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 19 Page - Microchip Technology

Back Button PS700 Datasheet HTML 15Page - Microchip Technology PS700 Datasheet HTML 16Page - Microchip Technology PS700 Datasheet HTML 17Page - Microchip Technology PS700 Datasheet HTML 18Page - Microchip Technology PS700 Datasheet HTML 19Page - Microchip Technology PS700 Datasheet HTML 20Page - Microchip Technology PS700 Datasheet HTML 21Page - Microchip Technology PS700 Datasheet HTML 22Page - Microchip Technology PS700 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
 2004 Microchip Technology Inc.
DS21760F-page 19
PS700
4.4.10
Accumctrl – ACCUMULATOR CONTROL REGISTER
REGISTER 4-2:
Accumctrl: ACCUMULATOR CONTROL REGISTER
(ADDRESS 63 HEX/99 DECIMAL)
Accum
Accl
AccT
AccV
tsel
Reserved
bit 7
bit 0
bit 7
Accum: Accumulator Master Enable bit
“Accum” is a master enable for Accl, AccT and AccV. If any combination of “Accl”, “AccT” and
“AccV” are enabled, Accum must also be enabled to permit accumulation. If “Accum” is ‘0’, no
accumulation will occur regardless of the settings in “Accl”, “AccT” and “AccV”.
1
= Accumulation enabled
0
= Accumulation disabled
bit 6
Accl: Current Accumulation Enable bit
When “AccI” is set to a ‘1’, current accumulation is enabled. The DCA and CCA registers will
periodically add the value of the Ires register. Also, the DCT and CCT elapsed time counter
registers will count during discharge and charge, respectively. When “AccI” is cleared to ‘0’,
current accumulation is disabled.
1
= Current accumulation enabled
0
= Current accumulation disabled
bit 5
AccT: Accumulate Temperature Enable bit
When “Acct” is set to a ‘1’, accumulation will be enabled in TA. TA will accumulate results from
the AD5 Result register and the TAT elapsed time counter will increment. When “Acct” is
cleared to ‘0’, TA accumulation will be disabled.
1
= Accumulate temperature enabled
0
= Accumulate temperature disabled
bit 4
AccV: Accumulate Voltage from VC2 Enable bit
When “AccV” is ‘0’, accumulation in TA will be updated by the VC1res register. When “AccV” is
‘1’, accumulation in TA will be updated by the VC2res register.
bit 3
tsel: Temperature Selection bit
When “tsel” is ‘0’, the internal temperature sensor is used for accumulation. When “tsel” is ‘1’,
the external temperature sensor is used for accumulation.
1
= External temperature sensor selected
0
= Internal temperature sensor selected
bit 2-0
Reserved: Reserved bit location
Legend:
‘1’ = Bit is set
‘0’ = Bit is cleared
R = Reserved bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com