Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 17 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PS700 Datasheet HTML 13Page - Microchip Technology PS700 Datasheet HTML 14Page - Microchip Technology PS700 Datasheet HTML 15Page - Microchip Technology PS700 Datasheet HTML 16Page - Microchip Technology PS700 Datasheet HTML 17Page - Microchip Technology PS700 Datasheet HTML 18Page - Microchip Technology PS700 Datasheet HTML 19Page - Microchip Technology PS700 Datasheet HTML 20Page - Microchip Technology PS700 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
 2004 Microchip Technology Inc.
DS21760F-page 17
PS700
4.4.4
CTC – CHARGE TIME COUNT
REGISTER
CTC records the length of accumulated time that the
battery is in a charge condition as indicated by a posi-
tive voltage on the SR pin. This register is incremented
using a 2 Hz internal clock rate; therefore, the CTC is
incremented at the rate of 2 counts per second or 7200
counts per hour so long as current accumulation is
enabled and the Ires register returns a ‘0’ in the sign bit
following a current conversion.
The CTC register will rollover if it is allowed to count
beyond
0xFFFFFFFF;
therefore,
proper
register
maintenance by the host system is necessary. The
CTC register may be cleared using the ACCclr register
bit, CLR3, described below.
4.4.5
TA – TEMPERATURE
ACCUMULATOR
TA is the accumulated 32-bit value of temperature
measurements from the internal or external tempera-
ture sensor. TA is updated by the Itres or ETres
registers. Selection of the internal temperature sensor,
or external thermistor connected to the NTC pin, is
made in the Accumctrl register, bit tsel.
The TA register will rollover if it is allowed be updated
beyond
0xFFFFFFFF;
therefore,
proper
register
maintenance by the host system is necessary. The TA
register may be cleared using the ACCclr register bit,
CLR4, described below.
4.4.6
TAT – TEMPERATURE TIME COUNT
REGISTER
The TAT register records the length of accumulated
time that the PS700 is sensing temperature and accu-
mulating the value in register TA. TAT is incremented
using a 2 Hz internal clock rate and is incremented at
the rate of 2 counts per second, or 7200 counts per
hour, as long as temperature accumulation is enabled.
The TAT register will rollover if it is allowed to count
beyond
0xFFFFFFFF;
therefore,
proper
register
maintenance by the host system is necessary. The TAT
register may be cleared using the ACCclr register bit,
CLR5, described below.
4.4.7
VC2A – VC2 ACCUMULATOR
VC2A is a 32-bit register that holds the total
accumulated value measured on the VC2 pin. At the
completion
of
each
measurement,
VC2A
is
incremented by the value of VC2res. This function is
enabled when the Accumctrl register, bit AccV is a ‘1’.
The VC2A register will rollover if it is allowed to count
beyond 0xFFFFFFFF; therefore, proper register main-
tenance by the host system is necessary. The VC2A
register may be cleared using the ACCclr register bit,
CLR6, described below.
4.4.8
VC2T – VC2 TIME COUNT
REGISTER
VC2T
records
accumulated
time
for
which
measurements are taken on the VC2 pin. This register
is incremented using a 2 Hz internal clock rate; there-
fore, VC2T is incremented at the rate of 2 counts per
second or 7200 counts per hour.
The VC2T register will rollover if it is allowed to count
beyond 0xFFFFFFFF; therefore, proper register main-
tenance by the host system is necessary. The VC2T
register may be cleared using the ACCclr register bit,
CLR7, described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com