Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 2 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 2 Page - Microchip Technology

  PS700 Datasheet HTML 1Page - Microchip Technology PS700 Datasheet HTML 2Page - Microchip Technology PS700 Datasheet HTML 3Page - Microchip Technology PS700 Datasheet HTML 4Page - Microchip Technology PS700 Datasheet HTML 5Page - Microchip Technology PS700 Datasheet HTML 6Page - Microchip Technology PS700 Datasheet HTML 7Page - Microchip Technology PS700 Datasheet HTML 8Page - Microchip Technology PS700 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
PS700
DS21760F-page 2
 2004 Microchip Technology Inc.
1.0
PRODUCT OVERVIEW
The PS700 is a cost-effective, highly accurate IC that
measures, stores and reports all of the critical
parameters required for rechargeable battery monitor-
ing with a minimum of external components. It precisely
measures charge/discharge current as well as voltage
and temperature of a battery pack. In addition, the
PS700 accurately accumulates both charge and
discharge
current
as
independent
parameters.
Temperature history can also be maintained for
calculating self-discharge effects.
The PS700 integrates a highly accurate 16-bit integrat-
ing A/D converter that performs current measurement
to within ±0.5% error. On-chip counters precisely track
battery charge/discharge and temperature history. Also
included are an on-chip voltage regulation circuit, non-
crystal time base and on-chip temperature sensor. The
operating voltage range of the PS700 is optimized to
allow a direct interface to 1 or 2-series Li Ion/Li Poly
battery packs. 512 bytes of general purpose nonvolatile
EEPROM storage are provided to store factory
programmed, measured and user defined parameters.
Efficient
communication
is
provided
through
an
industry standard SMBus/I2C™ compatible 2-wire
communications interface. This interface allows the
host to determine accurate battery status for effective
system power management and for communication to
the end user. A battery management solution utilizing
the PS700 delivers both space and total system
component cost savings for a wide variety of battery
operated applications.
FIGURE 1-1:
PS700 INTERNAL BLOCK DIAGRAM
512
EEPROM
512
EEPROM
32-bit
Accumulators /
Timers
32-bit
Accumulators/
Timers
Voltage
Reference and
Temp Sensor
Voltage
Reference and
Temp Sensor
Voltage
Regulator
Voltage
Regulator
Comm
Interface
Comm
Interface
Registers
Registers
16-Bit
Sigma-Delta
Integrating
A/D Converter
16-Bit
Sigma-Delta
Integrating
A/D Converter
Analog
Input Mux
Analog
Input Mux
Run
Oscillator
Run
Oscillator
VC1
ROSC
GND
Digital Section
Analog Section
Control and Status
Control and Status
SCL
SR
SDA
Sleep
Oscillator
Sleep
Oscillator
VC2/IO1
NTC/IO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com