Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 4 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 4 Page - Microchip Technology

  PS700 Datasheet HTML 1Page - Microchip Technology PS700 Datasheet HTML 2Page - Microchip Technology PS700 Datasheet HTML 3Page - Microchip Technology PS700 Datasheet HTML 4Page - Microchip Technology PS700 Datasheet HTML 5Page - Microchip Technology PS700 Datasheet HTML 6Page - Microchip Technology PS700 Datasheet HTML 7Page - Microchip Technology PS700 Datasheet HTML 8Page - Microchip Technology PS700 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
PS700
DS21760F-page 4
 2004 Microchip Technology Inc.
2.0
ARCHITECTURAL OVERVIEW
The PS700 contains a complete analog “front-end” for
battery monitoring as well as digital logic for control, mea-
surement accumulation, timing and communications.
Major functions within the PS700 include:
• Voltage Regulator
• Precision Time Base
• Temperature Sensor
• 512-Byte EEPROM Memory
• 32-Byte RAM Memory
• Analog-to-Digital (A/D) Converter
• 32-bit Accumulators/Timers
•SMBus/I2C Communications Interface
Figure 1-1 is a block diagram of the internal circuitry of
the PS700. Figure 1-2 is a schematic diagram that
depicts the PS700 in a typical single cell Lithium Ion
application. The function of each of the blocks listed
above is summarized in the following sections.
2.1
Internal Voltage Regulator
The PS700 incorporates an internal voltage regulator
that supports 1 or 2-cell series lithium pack configura-
tions. The internal regulator draws power directly from
the VC1 input. No other external components are
required to regulate internal supply voltage.
2.2
Precision Time Base
The integrated precision time base is a highly accurate
RC oscillator that provides precise timing for the sigma-
delta A/D and for the on-chip elapsed time counters
without the need for an external crystal. This time base
is
trimmed
during
manufacturing
to
a
nominal
frequency of 131,072 Hz.
2.3
Temperature Sensor
An integrated temperature sensor is provided that can
eliminate the need for an external thermistor. As an
option, a connection is provided for an external
thermistor for applications where the battery pack is
physically located at a distance away from the PS700.
2.4
EEPROM Memory
512 bytes of EEPROM memory are incorporated for
storage
of
nonvolatile
parameters,
such
as
PowerSmart® 3D cell models for use with host driver
firmware. An initialization block is reserved within the
EEPROM array for values that are loaded into PS700
registers following a power-on condition.
2.5
RAM Memory
32 bytes of general purpose RAM memory are
provided for storage of temporary parameters.
2.6
A/D Converter
The PS700 incorporates an integrating sigma-delta
A/D converter together with an analog mux that has
inputs for charge and discharge current, cell and pack
voltages, the on-chip temperature sensor and an off-
chip thermistor. The converter can be programmed to
perform a conversion with resolutions of 8 to 15 bits plus
sign while utilizing either a ±340 mV or a ±170 mV
reference.
2.7
32-Bit Accumulators/Timers
The PS700 incorporates four 32-bit accumulators and
four 32-bit elapsed time counters. The Discharge
Current Accumulator (DCA) and the Charge Current
Accumulator (CCA) are intended to record discharge
and charge capacity values. The Discharge Time
Counter (DTC) and the Charge Time Counter (CTC)
are intended to maintain the total discharge time and
charge time. Accumulated charge and discharge
values can be used to determine state of charge of the
battery as well as cycle count information. With
information provided by the elapsed time counters,
average charge and discharge currents over an
extended period of time can be calculated.
2.8
SMBus/I2C Communications
Interface
The communications port for the PS700 is a 2-wire
industry standard SMBus/I2C interface. All commands,
status and data are read or written from the host
system via this interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com