Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 27 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 27 Page - Microchip Technology

Back Button PS700 Datasheet HTML 23Page - Microchip Technology PS700 Datasheet HTML 24Page - Microchip Technology PS700 Datasheet HTML 25Page - Microchip Technology PS700 Datasheet HTML 26Page - Microchip Technology PS700 Datasheet HTML 27Page - Microchip Technology PS700 Datasheet HTML 28Page - Microchip Technology PS700 Datasheet HTML 29Page - Microchip Technology PS700 Datasheet HTML 30Page - Microchip Technology PS700 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
 2004 Microchip Technology Inc.
DS21760F-page 27
PS700
4.5
Power-on Reset
When power is first applied to the VC1 input, the PS700
automatically executes a Power-on Reset sequence.
The device is held in a Reset state while the voltage is
below the minimum operating threshold, VPOR. When
the voltage on the VC1 input rises above the VPOR
threshold, the PS700 will initialize itself as described
below. When initialization is complete, the PS700 will
enter Run mode.
During the Power-on Reset sequence, the registers are
loaded with initial values from EEPROM locations
0x020-0x087. These locations are reserved to contain
register initialization values. In a battery pack applica-
tion, a Power-on Reset typically happens only at the
time of pack manufacture, when the cells are first con-
nected to the battery monitoring pcb containing the
PS700.
Data in the EEPROM locations, (Bank 0) 0:0x020-
0:0x07F, will be loaded into the corresponding register
locations in (Bank 1) 1:0x020-1:0x07F. Data in the
EEPROM locations, (Bank 1) 0:0x080-0:0x084, will be
loaded into the corresponding Cal/Setup register loca-
tions in (Bank 2) 2:0x080-2:0x084. In all cases,
EEPROM register initialization locations corre-
sponding to “Reserved” register locations must
contain the value of 0x00h in order to insure proper
operation following a Power-on Reset.
4.6
Factory Register Initialization
The EEPROM register initialization locations are pro-
grammed with a set of default values at the time that
the PS700 is manufactured. This programming results
in the following general operational state of a PS700
following a Power-on Reset:
• All accumulators and time counters disabled and
reset to ‘0’
• All A/D conversion disabled
• A/D registers programmed with their anticipated
input source, resolution and input reference
• Sample and Shelf-Sleep modes disabled
• All Sample-Sleep mode entry methods disabled
and trip point values zeroed
• GPIO inputs on VC2 and NTC disabled
• SMBus address = 0x16
• Factory calibrated trim values for band gap,
voltage reference, auxiliary oscillator and main
oscillator
Table 4-6 lists in detail the values that are programmed
into the EEPROM register initialization locations.
Note:
Do not overwrite the factory trimmed
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com