Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 29 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 29 Page - Microchip Technology

Back Button PS700 Datasheet HTML 25Page - Microchip Technology PS700 Datasheet HTML 26Page - Microchip Technology PS700 Datasheet HTML 27Page - Microchip Technology PS700 Datasheet HTML 28Page - Microchip Technology PS700 Datasheet HTML 29Page - Microchip Technology PS700 Datasheet HTML 30Page - Microchip Technology PS700 Datasheet HTML 31Page - Microchip Technology PS700 Datasheet HTML 32Page - Microchip Technology PS700 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
 2004 Microchip Technology Inc.
DS21760F-page 29
PS700
5.0
CAL/SETUP MODE AND
REGISTERS
Cal/Setup mode allows the designer to reprogram the
default SMBus address and/or change the calibration
parameters programmed at the factory for band gap,
voltage reference and main oscillator trim values.
Entering Cal/Setup mode requires the host to request
three consecutive and specific incorrect SMBus
addresses with no interruptions between requests.
These addresses are:
Addr1
HEX 50
Addr2
HEX 52
Addr3
HEX 74
After each address is sent, the PS700 will NACK the
address. Once the sequence is complete, the PS700
will enter Cal/Setup mode and allow access to the
Cal/Setup registers located in memory Bank 2.
To exit Cal/Setup mode, re-enter the same address
sequence or power-down the part. The PS700 will
always power-up with Cal/Setup mode disabled.
The following registers are only available in Cal/Setup
mode.
5.1
Cal/Setup Mode Registers
REGISTER 5-1:
SMBAdd: SMBus ADDRESS REGISTERS (ADDRESS 80 HEX/128 DECIMAL)
REGISTER 5-2:
VBGT: BAND GAP TRIM REGISTER (ADDRESS 81 HEX/129 DECIMAL)
SMBAdd
Reserved
bit 7
bit 0
bit 7-1
SMBAdd: SMBus Address Register bits
The value placed in bits <7:1> of this register defines the SMBus address for this device.
bit 0
Reserved: Reserved bit location
Legend:
‘1’ = Bit is set
‘0’ = Bit is cleared
R = Reserved bit
Reserved
VBGT
bit 7
bit 0
bit 7-4
Reserved: Reserved bit location
bit 3-0
VBGT: Band Gap Voltage Trim bits
This value is set by the factory.
Legend:
‘1’ = Bit is set
‘0’ = Bit is cleared
R = Reserved bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com