Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 23 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 23 Page - Microchip Technology

Back Button PS700 Datasheet HTML 19Page - Microchip Technology PS700 Datasheet HTML 20Page - Microchip Technology PS700 Datasheet HTML 21Page - Microchip Technology PS700 Datasheet HTML 22Page - Microchip Technology PS700 Datasheet HTML 23Page - Microchip Technology PS700 Datasheet HTML 24Page - Microchip Technology PS700 Datasheet HTML 25Page - Microchip Technology PS700 Datasheet HTML 26Page - Microchip Technology PS700 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
 2004 Microchip Technology Inc.
DS21760F-page 23
PS700
4.4.14
ACCclr – ACCUMULATOR CLEAR REGISTER
A ‘1’ in any ACCclr bits will clear the associated accumulator. Following the clear operation, all of the bits in ACCclr will
be cleared to ‘0’.
REGISTER 4-6:
ACCclr: ACCUMULATOR CLEAR REGISTER (ADDRESS 62 HEX/98 DECIMAL)
CLR7
CLR6
CLR5
CLR4
CLR3
CLR2
CLR1
CLR0
bit 7
bit 0
bit 7
CLR7: Clear Accumulator 7 bit
A ‘1’ in this register will clear the VC2T accumulator.
bit 6
CLR6: Clear Accumulator 6 bit
A ‘1’ in this register will clear the VC2A accumulator.
bit 5
CLR5: Clear Accumulator 5 bit
A ‘1’ in this register will clear the TAT accumulator.
bit 4
CLR4: Clear Accumulator 4 bit
A ‘1’ in this register will clear the TA accumulator.
bit 3
CLR3: Clear Accumulator 3 bit
A ‘1’ in this register will clear the CTC accumulator.
bit 2
CLR2: Clear Accumulator 2 bit
A ‘1’ in this register will clear the CCA accumulator.
bit 1
CLR1: Clear Accumulator 1 bit
A ‘1’ in this register will clear the DTC accumulator.
bit 0
CLR0: Clear Accumulator 0 bit
A ‘1’ in this register will clear the DCA accumulator.
Legend:
‘1’ = Bit is set
‘0’ = Bit is cleared
R = Reserved bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com