Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 3 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 3 Page - Microchip Technology

  PS700 Datasheet HTML 1Page - Microchip Technology PS700 Datasheet HTML 2Page - Microchip Technology PS700 Datasheet HTML 3Page - Microchip Technology PS700 Datasheet HTML 4Page - Microchip Technology PS700 Datasheet HTML 5Page - Microchip Technology PS700 Datasheet HTML 6Page - Microchip Technology PS700 Datasheet HTML 7Page - Microchip Technology PS700 Datasheet HTML 8Page - Microchip Technology PS700 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
 2004 Microchip Technology Inc.
DS21760F-page 3
PS700
FIGURE 1-2:
APPLICATION SCHEMATIC – PS700-BASED BATTERY PACK
TABLE 1-1:
PIN DESCRIPTIONS
R15
1.0K
R3
221K
R4
680
R5
680
VCELL1
2
VCELL2
1
NTC
6
SR
8
GND
7
SMB-CLK
3
SMB-DTA
4
ROSC
5
U1
PS700
R11
470
VR
V1
NTC1
NTC2
PACK CONNECTION
CELL POSITIVE (+)
CELL NEGATIVE (-)
THERMISTOR CONNECTIONS
B+
C
D
B-
R8
0.020
C11
100 nF
C1
100 nF
R7
6.49K
D1
CMSZDA5V6
CONNECTION
GROUND PLANE
C3
1.0 nF
3
2
6
7
Q1
SI6880EDQ
VDD
2
VSS
3
VM
1
U2
S8241A
Pin No.
Pin Name
Description
1
VC2/IO1
Cell input connection for lowest cell in a 2-cell series Li Ion pack. Can also be
configured as an open-drain general purpose input/output.
2
VC1
Cell input connection for highest cell in a 2-cell series Li Ion pack. Connects to the
positive terminal of 1-cell series packs. VC1 serves as the power supply input for the
PS700.
3
SCL
SMBus/I2C clock line connection.
4
SDA
SMBus/I2C data line connection.
5ROSC
External bias resistor.
6
NTC/IO0
Input for an external temperature sensor using a 103ETB-type thermistor. Can also
be configured as a general purpose input/output pin.
7
GND
Analog and digital ground.
8
SR
Current measurement A/D input from positive side of the current sense resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com