Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 22 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 22 Page - Microchip Technology

Back Button PS700 Datasheet HTML 18Page - Microchip Technology PS700 Datasheet HTML 19Page - Microchip Technology PS700 Datasheet HTML 20Page - Microchip Technology PS700 Datasheet HTML 21Page - Microchip Technology PS700 Datasheet HTML 22Page - Microchip Technology PS700 Datasheet HTML 23Page - Microchip Technology PS700 Datasheet HTML 24Page - Microchip Technology PS700 Datasheet HTML 25Page - Microchip Technology PS700 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
PS700
DS21760F-page 22
 2004 Microchip Technology Inc.
4.4.13
GPIOctrl – GPIO CONTROL REGISTER
REGISTER 4-5:
GPIOctrl: GPIO CONTROL REGISTER (ADDRESS 53 HEX/83 DECIMAL)
pp0OE0
IE1IE0
OUT1
OUT0
IN1
IN0
bit 7
bit 0
bit 7
pp0: Push-Pull Output IO0 bit
Setting this bit to a ‘1’, with bit OE0 set to a ‘1’, will configure the IO0 (NTC) pin as a push-pull
digital output. If pp0 is a ‘0’, with OE0 set to ‘1’, the IE0 is an open-drain output with a 300 kOhm
pull-up to internal VDD.
bit 6
OE0: Output Enable IO0 bit
Setting this bit to a ‘1’ will allow the PS700 to control NTC as either a push-pull (pp0 = 1) or
open-drain (pp0 = 0) output. If OE0 is a ‘0’, the NTC pin is tri-state (pp0 = 1) or pulled up to
internal VDD with a 300 kOhm resistor (pp0 = 0).
bit 5
IE1: Input Enable IO1 bit
Setting this bit to a ‘1’ will enable IO1 (VC2) as a digital input. If IE1 is a ‘0’, the digital input
buffer on IO1 is powered down and IN1 will always read logic ‘0’.
bit 4
IE0: Input Enable IO0 bit
Setting this bit to a ‘1’ will enable IO0 (NTC) as a digital input. If IE0 is a ‘0’ the digital input buffer
on IO0 is powered down and IN0 will always read logic ‘0’.
bit 3
OUT1: Output Data GPIO1 bit
Setting this bit to a ‘0’ turns on the open-drain pull-down on IO1 (VC2) (forcing a logic ‘0’ on the
output). Setting this bit to a ‘1’ turns off the pull-down resistor.
bit 2
OUT0: Output Data GPIO0 bit
If OE0 is a ‘1’, the logic value of OUT0 is driven onto the IO0 (NTC) pin by the PS700.
bit 1
IN1: Input Data GPIO1 bit
Current logic state of the IO1 (VC2) pin (read-only).
bit 0
IN0: Input Data GPIO0 bit
Current logic state of the IO0 (NTC) (read-only).
Legend:
‘1’ = Bit is set
‘0’ = Bit is cleared
R = Reserved bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com