Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 24 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 24 Page - Microchip Technology

Back Button PS700 Datasheet HTML 20Page - Microchip Technology PS700 Datasheet HTML 21Page - Microchip Technology PS700 Datasheet HTML 22Page - Microchip Technology PS700 Datasheet HTML 23Page - Microchip Technology PS700 Datasheet HTML 24Page - Microchip Technology PS700 Datasheet HTML 25Page - Microchip Technology PS700 Datasheet HTML 26Page - Microchip Technology PS700 Datasheet HTML 27Page - Microchip Technology PS700 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
PS700
DS21760F-page 24
 2004 Microchip Technology Inc.
4.4.15
TPV – TRIP POINT VALUE
REGISTERS
There are 5 registers that are utilized to set up Trip
Point Values. These registers are used when enabled
by the TRIPctrl register to enter or exit various power
modes. Three of these Trip Point Value registers con-
tain voltage values and two contain current values. The
Trip Point Value registers, their corresponding Com-
pare registers and their enable locations are listed
below:
VPtrip, VCtrip and SHtrip are used as voltage values to
be compared to VPres, VC1res or VC2res and VPres,
respectively, for transition in and out of various power
modes. I+trip and I-trip are used as current values to be
compared to Ires for transition in and out of various
power modes. The format for data in these registers is
left justified. For the purpose of this trip point, only
magnitude is compared, the sign is ignored.
REGISTER 4-7:
TPV: TRIP POINT VALUE REGISTERS
TPV
Register
Location
(HEX)
Comparison
Register
Enable
Bit
I+trip
60
Ires
Iex
I-trip
64
Ires
Ient
VPtrip
68
VPres
VPex
VCtrip
6C
VC1res or
VC2res
VC1ent or
VC2ent
SHtrip
70
VPres
SHent
Sign
Magnitude
bit 15
bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com